Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 127Page - Renesas Technology Corp M32C/8B Datasheet HTML 128Page - Renesas Technology Corp M32C/8B Datasheet HTML 129Page - Renesas Technology Corp M32C/8B Datasheet HTML 130Page - Renesas Technology Corp M32C/8B Datasheet HTML 131Page - Renesas Technology Corp M32C/8B Datasheet HTML 132Page - Renesas Technology Corp M32C/8B Datasheet HTML 133Page - Renesas Technology Corp M32C/8B Datasheet HTML 134Page - Renesas Technology Corp M32C/8B Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 406 page
background image
Under development
M32C/8B Group
11. Interrupts
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 114 of 385
11.8
NMI Interrupt
The NMI interrupt is non-maskable. The NMI interrupt occurs when a signal applied to the P8_5/NMI pin changes
from “H” level to “L” level. A read from the P8_5 bit in the P8 register returns the input level of the NMI pin.
When the NMI interrupt is not used, connect the NMI pin to VCC1 via a resistor (pull-up). Each “H” or “L” width
of the signal applied to the NMI pin must be 2 CPU clock cycles + 300 ns or more.
11.9
Key Input Interrupt
The IR bit in the KUPIC register becomes 1 when an falling edge is detected at any of the pins P10_4 to P10_7 set
to input mode. The key input interrupt can also be used as key-on wake-up function to exit wait mode or stop mode.
To use the key input interrupt, do not use pins P10_4 to P10_7 as A/D input. Figure 11.13 shows a block diagram of
the key input interrupt. When an “L” signal is applied to one of the pins P10_4 to P10_7 in input mode, a falling
edge detected at the other pins is not recognized as an interrupt request signal.
When the PSC_7 bit in the PSC register is set to 1 (AN_4 to AN_7), the input buffer for the port and the key input
interrupt is disconnected. Therefore, the pin level cannot be obtained by reading the Port P10 register in input
mode. Also, the IR bit in the KUPIC register does not become 1 even if a falling edge is detected at pins KI0 to
KI3.
Figure 11.13
Key Input Interrupt Block Diagram
Key input interrupt request
P10_7/KI3
PU31 bit
PD10_7 bit
Pull-up
transistor
Pull-up
transistor
Pull-up
transistor
Pull-up
transistor
PD10_7 bit
PD10_6 bit
PD10_5 bit
PD10_4 bit
P10_6/KI2
P10_5/KI1
P10_4/KI0
PSC_7 bit
PD10_4 to PD10_7: Bits in the PD10 register
PSC_7: Bit in the PSC register
PU31: Bit in the PUR3 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com