Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 129Page - Renesas Technology Corp M32C/8B Datasheet HTML 130Page - Renesas Technology Corp M32C/8B Datasheet HTML 131Page - Renesas Technology Corp M32C/8B Datasheet HTML 132Page - Renesas Technology Corp M32C/8B Datasheet HTML 133Page - Renesas Technology Corp M32C/8B Datasheet HTML 134Page - Renesas Technology Corp M32C/8B Datasheet HTML 135Page - Renesas Technology Corp M32C/8B Datasheet HTML 136Page - Renesas Technology Corp M32C/8B Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 406 page
background image
Under development
M32C/8B Group
12. Watchdog Timer
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 116 of 385
12. Watchdog Timer
The watchdog timer is used to detect the program running improperly. The watchdog timer contains a 15-bit free-
running counter. If a write to the WDTS register is not performed due to a program running out of control, the free-
running counter underflows, which results in the watchdog timer interrupt generation or the MCU reset. When
operating the watchdog timer, write to the WDTS register in a shorter cycle than the watchdog timer cycle in such as
the main routine.
Tables 12.1 and 12.2 list specifications of the watchdog timer. Figure 12.1 shows a block diagram of the watchdog
timer. Figures 12.2 and 12.3 show registers associated with the watchdog timer.
Table 12.1
Watchdog Timer Specifications (1/2)
NOTE:
1. The watchdog timer shares the same vector with the oscillation stop detection interrupt and voltage monitor
interrupt.
Table 12.2
Watchdog Timer Specifications (2/2)
fCPU: CPU clock frequency
fROC: On-chip oscillator clock frequency
NOTES:
1. Once the PM22 bit is set to 1, it cannot be set to 0 by a program.
2. Difference between the calculation result and actual period can be one count source cycle of the counter.
3. A write to the CM10 bit in the CM1 register is disabled. Writing a 1 has no effect and the MCU does not enter
stop mode. The watchdog timer interrupt cannot be used to exit wait mode.
Item
Specification
Count operation
The free-running counter decrements
Count start condition
Writing to the WDTS register:
A write to the WDTS register initializes a free-running counter and the counter
decrements from 7FFFh
When underflows
One of the following occurs (selectable using the CM06 bit in the CM0 register):
• Watchdog timer interrupt generation(1)
• MCU reset
After underflows
The counter continues decrementing
(when the watchdog timer interrupt is selected)
Read from watchdog timer
A read from bit 4 to bit 0 in the WDC register returns bit 14 to bit 10 of the free-running
counter
Item
Bit Setting and Specification
PM22 bit in PM2 register(1)
0
001
CM07 bit in CM0 register
0
0
1
0 or 1
WDC7 bit in WDC register
0
1
0 or 1
0 or 1
Clock source
CPU clock
On-chip oscillator
Clock divided by MCD register
Sub clock
Prescaler
Divide-by-16
Divide-by-128
Divide-by-2
not available
Count source for counter
× 16
× 128
× 2
Time-out period (formula)(2)
× 524288
× 4194304
× 65536
× 32768
Time-out period (reference)
Approx. 16.4 ms
fCPU = 32 MHz
Approx. 131.1 ms
fCPU = 32 MHz
Approx. 2 s
fCPU = 32 kHz
Approx. 32.8 ms
fROC = 1 MHz
Operation in wait mode,
stop mode, and hold state
Stops
Operates(3)
1
fCPU
1
fCPU
1
fCPU
1
fROC
1
fCPU
1
fCPU
1
fCPU
1
fROC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com