Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 128Page - Renesas Technology Corp M32C/8B Datasheet HTML 129Page - Renesas Technology Corp M32C/8B Datasheet HTML 130Page - Renesas Technology Corp M32C/8B Datasheet HTML 131Page - Renesas Technology Corp M32C/8B Datasheet HTML 132Page - Renesas Technology Corp M32C/8B Datasheet HTML 133Page - Renesas Technology Corp M32C/8B Datasheet HTML 134Page - Renesas Technology Corp M32C/8B Datasheet HTML 135Page - Renesas Technology Corp M32C/8B Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 406 page
background image
Under development
M32C/8B Group
11. Interrupts
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 115 of 385
11.10 Address Match Interrupt
The address match interrupt is non-maskable. This interrupt occurs immediately before executing the instruction
stored in the address specified by the RMADi register (i = 0 to 7). Eight addresses can be set for the address match
interrupt. The AIERi bit in the AIER register determines whether the interrupt is enabled or disabled.
Figure 11.14 shows registers associated with the address match interrupt.
Set the starting address of the instruction in the RMADi register. The address match interrupt does not occur if a
table data or any address other than the starting address of the instruction is set.
Figure 11.14
RMAD0 to RMAD7 Registers, AIER Register
b7 b6 b5 b4
b1
b2
b3
Symbol
AIER
Address
0009h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
AIER5
AIER7
Address match interrupt 3
enable bit
Address match interrupt 7
enable bit
RW
RW
RW
RW
AIER4
RW
AIER3
Address match interrupt 5
enable bit
Address match interrupt 6
enable bit
AIER6
Address Match Interrupt Enable Register
Address match interrupt 4
enable bit
Address match interrupt 1
enable bit
AIER1
RW
Address match interrupt 2
enable bit
RW
AIER2
0: interrupt disabled
1: interrupt enabled
Address match interrupt 0
enable bit
AIER0
RW
0: interrupt disabled
1: interrupt enabled
0: interrupt disabled
1: interrupt enabled
0: interrupt disabled
1: interrupt enabled
0: interrupt disabled
1: interrupt enabled
0: interrupt disabled
1: interrupt enabled
0: interrupt disabled
1: interrupt enabled
0: interrupt disabled
1: interrupt enabled
b23
b16 b15
b7
b8
After Reset
b0
Address Match Interrupt Register i (i = 0 to 7)
Symbol
RMAD0
RMAD1
RMAD2
RMAD3
RMAD4
RMAD5
RMAD6
RMAD7
Address
0012h to 0010h
0016h to 0014h
001Ah to 0018h
001Eh to 001Ch
002Ah to 0028h
002Eh to 002Ch
003Ah to 0038h
003Eh to 003Ch
000000h
000000h
000000h
000000h
000000h
000000h
000000h
000000h
Setting Range
Function
RW
Address register for the address match interrupt
RW
000000h to FFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com