Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 162Page - Renesas Technology Corp M32C/8B Datasheet HTML 163Page - Renesas Technology Corp M32C/8B Datasheet HTML 164Page - Renesas Technology Corp M32C/8B Datasheet HTML 165Page - Renesas Technology Corp M32C/8B Datasheet HTML 166Page - Renesas Technology Corp M32C/8B Datasheet HTML 167Page - Renesas Technology Corp M32C/8B Datasheet HTML 168Page - Renesas Technology Corp M32C/8B Datasheet HTML 169Page - Renesas Technology Corp M32C/8B Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 406 page
background image
Under development
M32C/8B Group
15. Timer A
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 149 of 385
Figure 15.9
TA0 to TA4 Registers
b15
b8 b7
Symbol
TA0 to TA2
TA3, TA4
Address
0347h - 0346h, 0349h - 0348h, 034Bh - 034Ah
034Dh - 034Ch, 034Fh - 034Eh
After Reset
Undefined
Undefined
b0
Setting Range
Mode
Function
RW
Timer Ai Register(1) (i = 0 to 4)
RW
0000h to FFFFh
If a count source frequency is fj and the
setting value of TAi register is n, the counter
cycle is (n + 1) / fj
Timer mode
RW
0000h to FFFFh
If the setting value is n, the count times are
(FFFFh - n+1) when the counter increments,
and (n+1) when the counter decrements(2)
Event counter mode
WO
0000h to FFFFh(3, 4)
If the setting value is n, the counter counts
n times and stops.
One-shot timer mode
Pulse width
modulation mode
(16-bit PWM)
Pulse width
modulation mode
(8-bit PWM)
If a count source frequency is fj and
the setting value of the TAi register is n,
PWM cycle: (216 - 1) / fj
"H" width of PWM pulse: n / fj
If a count source frequency is fj, the setting
value of high-order bits in the TAi register is
n, and the setting value of low-order bits in
the TAi register is m,
PWM cycle: (28 -1) x (m+1) / fj
"H" width of PWM pulse: (m+1) n / fj
00h to FEh(3, 6)
(High-order address bits)
00h to FFh(3, 6)
(Low-order address bits)
0000h to FFFEh(3, 5)
WO
WO
fj: f1, f8, f2n, fC32
NOTES:
1. Read and write this register in 16-bit units.
2. The TAi register counts external pulses or another timer overflows or underflows.
3. Read-modify-write instructions cannot be used to set the TAi register. Refer to Usage Notes for details.
4. When the TAi register is set to 0000h, the counter does not start and a timer Ai interrupt request is not generated.
5. When the TAi register is set to 0000h, the pulse width modulator does not operate and the TAiOUT pin output is held "L".
A timer Ai interrupt request is not generated. When the TAi register is set to FFFFh, the pulse width modulator does
not operate and the TAiOUT pin output is held "H". A timer Ai interrupt request is not generated.
6. When 8 high-order bits are set to 00h, the pulse width modulator does not operate and the TAiOUT pin output is held "L".
A timer Ai interrupt request is not generated. When 8 high-order bits are set to FFh, the pulse width modulator does
not operate and the TAiOUT pin output is held "H". A timer Ai interrupt request is not generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com