Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 163Page - Renesas Technology Corp M32C/8B Datasheet HTML 164Page - Renesas Technology Corp M32C/8B Datasheet HTML 165Page - Renesas Technology Corp M32C/8B Datasheet HTML 166Page - Renesas Technology Corp M32C/8B Datasheet HTML 167Page - Renesas Technology Corp M32C/8B Datasheet HTML 168Page - Renesas Technology Corp M32C/8B Datasheet HTML 169Page - Renesas Technology Corp M32C/8B Datasheet HTML 170Page - Renesas Technology Corp M32C/8B Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 406 page
background image
Under development
M32C/8B Group
15. Timer A
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 150 of 385
Figure 15.10
UDF Register
b7 b6 b5 b4
b1
b2
b3
Symbol
UDF
Address
0344h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
TA2P
Timer A3 up/down select bit(2)
RW
RW
TA4UD
WO
TA3UD
Timer A2
two-phase pulse signal
processing function select bit(3)
Up/Down Select Register(1)
Timer A4 up/down select bit(2)
Timer A1 up/down select bit(2)
TA1UD
RW
Timer A2 up/down select bit(2)
RW
TA2UD
0: Decrement
1: Increment
Timer A0 up/down select bit(2)
TA0UD
RW
0: Decrement
1: Increment
0: Decrement
1: Increment
0: Decrement
1: Increment
0: Decrement
1: Increment
0: Two-phase pulse signal processing function
disabled
1: Two-phase pulse signal processing function
enabled
NOTES:
1. Read-modify-write instructions cannot be used to set the UDF register. Refer to Usage Notes for details.
2. This bit is enabled when the MR2 bit in the TAiMR register (i = 0 to 4) is set to 0 (the UDF register causes increment/decrement
switching) in event counter mode.
3. Set these bits to 0 when not using the two-phase pulse signal processing function.
TA3P
WO
Timer A3
two-phase pulse signal
processing function select bit(3)
0: Two-phase pulse signal processing function
disabled
1: Two-phase pulse signal processing function
enabled
TA4P
WO
Timer A4
two-phase pulse signal
processing function select bit(3)
0: Two-phase pulse signal processing function
disabled
1: Two-phase pulse signal processing function
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com