Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 165Page - Renesas Technology Corp M32C/8B Datasheet HTML 166Page - Renesas Technology Corp M32C/8B Datasheet HTML 167Page - Renesas Technology Corp M32C/8B Datasheet HTML 168Page - Renesas Technology Corp M32C/8B Datasheet HTML 169Page - Renesas Technology Corp M32C/8B Datasheet HTML 170Page - Renesas Technology Corp M32C/8B Datasheet HTML 171Page - Renesas Technology Corp M32C/8B Datasheet HTML 172Page - Renesas Technology Corp M32C/8B Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 406 page
background image
Under development
M32C/8B Group
15. Timer A
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 152 of 385
Figure 15.12
TABSR Register
b7 b6 b5 b4
b1
b2
b3
Symbol
TABSR
Address
0340h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
TB0S
TB2S
Timer A3 count start bit
Timer B2 count start bit
RW
RW
RW
RW
TA4S
RW
TA3S
Timer B0 count start bit
Timer B1 count start bit
TB1S
Count Start Register
Timer A4 count start bit
Timer A1 count start bit
TA1S
RW
Timer A2 count start bit
RW
TA2S
0: Count stops
1: Count starts
Timer A0 count start bit
TA0S
RW
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com