Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 193Page - Renesas Technology Corp M32C/8B Datasheet HTML 194Page - Renesas Technology Corp M32C/8B Datasheet HTML 195Page - Renesas Technology Corp M32C/8B Datasheet HTML 196Page - Renesas Technology Corp M32C/8B Datasheet HTML 197Page - Renesas Technology Corp M32C/8B Datasheet HTML 198Page - Renesas Technology Corp M32C/8B Datasheet HTML 199Page - Renesas Technology Corp M32C/8B Datasheet HTML 200Page - Renesas Technology Corp M32C/8B Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 406 page
background image
Under development
M32C/8B Group
16. Three-Phase Motor Control Timer Function
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 180 of 385
Figure 16.2
INVC0 Register
b7 b6 b5 b4
b1
b2
b3
Three-Phase PWM Control Register 0(1)
Symbol
INVC0
Address
0308h
Bit Symbol
Bit Name
RW
INV00
After Reset
00h
RW
b0
Function
ICTB2 count condition
select bits
INV01
RW
RW
b1 b0
0 0:
0 1:
1 0: Timer B2 underflow at the rising edge of the
timer A1 reload control signal(2)
(every odd-numbered timer B2 underflow)
1 1: Timer B2 underflow at the falling edge of the
timer A1 reload control signal(2)
(every even-numbered timer B2 underflow)
INV02
Three-phase motor control timer
function enable bit(3)
0: Three-phase motor control timer function not used
1: Three-phase motor control timer function used(4,5)
INV03
Three-phase motor control timer
output control bit
0: Three-phase motor control timer output disabled(5,6)
1: Three-phase motor control timer output enabled
Modulation mode select bit
0: Triangular wave modulation mode
1: Sawtooth wave modulation mode
INV06
RW
RW
RW
INV04
Upper and lower arm
simultaneous turn-on disable bit
0: Simultaneous turn-on enabled
1: Simultaneous turn-on disabled
INV05
Upper and lower arm
simultaneous turn-on detect flag
0: Not detected
1: Detected (7)
RO
Software trigger select bit
Transfer trigger is generated when the INV07 bit
is set to 1. Trigger for the dead time timer is also
generated when the INV06 bit is set to 1.
This bit is read as 0.
INV07
RW
NOTES:
1. Set the INVC0 register after the PRC1 bit in the PRCR register is set to 1 (write enable). Set bits INV06 and INV02 to INV00
while timers A1,A2, A4, and B2 are stopped.
2. Set the INV01 bit to 1 after setting a value to the ICTB2 register. Also, when the INV01 bit is set to 1, set the timer A1 count start
bit to 1 prior to the first timer B2 underflow.
3. Set pins after the INV02 bit is set to 1. Refer to the table, Pin settings when using three-phase motor control timer function .
4. Set the INV02 bit to 1 to operate the dead time timer, U-, V-, and W-phase output control circuits, and ICTB2 counter.
5. When the INV03 bit is set to 0 and the INV02 bit to 1, pins U, U, V, V, W, and W (including when other output functions are
assiged to these pins) are all placed in high-impedance states.
6. The INV03 bit becomes 0 when one of the following occurs:
-Reset
-The both upper and lower arms output the active level signals at the same time while the INV04 bit is set to 1
-The INV03 bit is set to 0 by a program
-Signal applied to the NMI pin changes from "H" to "L" (while an "L" is applied to the NMI pin, the INV03 bit cannot be set to 1).
7. The INV05 bit cannot be set to 1 by a program. To set the INV05 bit to 0, write a 0 to the INV04 bit.
Timer B2 underflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com