Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 194Page - Renesas Technology Corp M32C/8B Datasheet HTML 195Page - Renesas Technology Corp M32C/8B Datasheet HTML 196Page - Renesas Technology Corp M32C/8B Datasheet HTML 197Page - Renesas Technology Corp M32C/8B Datasheet HTML 198Page - Renesas Technology Corp M32C/8B Datasheet HTML 199Page - Renesas Technology Corp M32C/8B Datasheet HTML 200Page - Renesas Technology Corp M32C/8B Datasheet HTML 201Page - Renesas Technology Corp M32C/8B Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 406 page
background image
Under development
M32C/8B Group
16. Three-Phase Motor Control Timer Function
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 181 of 385
Figure 16.3
INVC1 Register
b7 b6 b5 b4
b1
b2
b3
Three-Phase PWM Control Register 1(1)
Symbol
INVC1
Address
0309h
Bit Symbol
Bit Name
RW
After Reset
00h
b0
Function
INV10
RW
RW
0: Timer B2 underflow
1: Timer B2 underflow and a write to the TB2
register
Timers A1, A2, and A4
start trigger select bit
INV11
Timers A11, A21, and A41
control bit
0: Timers A11, A21, and A41 not used
(Three-phase mode 0)
1: Timers A11, A21, and A41 used
(Three-phase mode 1)
INV12
Dead time timer
count source (fDT) select bit
0: f1
1: f1 divided-by-2
Dead time timer trigger
select bit
0: Falling edge of one-shot pulse of timer
(A4, A1, and A2(3))
1: Rising edge of the three-phase output shift
register (U-, V-, W-phase)
INV16
RW
0
RO
INV13
Carrier wave rise/fall
detect flag(2)
0: Timer B2 underflow occurred an even number
of times
1: Timer B2 underflow occurred an odd number
of times
INV14
Active level control bit
0: Active Low
1: Active High
RW
NOTES:
1. Set the INVC1 register after the PRC1 bit in the PRCR register is set to 1 (write enable). Set the INVC1 register while timers A1,
A2, A4, and B2 are stopped.
2. The INV13 bit is enabled only when the INV06 bit is set to 0 (triangular wave modulation mode) and the INV11 bit to 1.
3. If the following conditions are all met, set the INV16 bit to 1.
- The INV15 bit is set to 0
- Bits Dij (i = U, V or W, j = 0, 1) and DiBj in the IDBj register always have different values when the INV03 bit in the INVC0
register is set to 1 (three-phase control timer output enabled).
(The upper arm and lower arm always output opposite level signals at any time except dead time.)
If any of the above conditions is not met, set the INV16 bit to 0.
RW
−
(b7)
Reserved bit
Set to 0
RW
INV15
Dead time disable bit
0: Dead time enabled
1: Dead time disabled
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com