Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 198Page - Renesas Technology Corp M32C/8B Datasheet HTML 199Page - Renesas Technology Corp M32C/8B Datasheet HTML 200Page - Renesas Technology Corp M32C/8B Datasheet HTML 201Page - Renesas Technology Corp M32C/8B Datasheet HTML 202Page - Renesas Technology Corp M32C/8B Datasheet HTML 203Page - Renesas Technology Corp M32C/8B Datasheet HTML 204Page - Renesas Technology Corp M32C/8B Datasheet HTML 205Page - Renesas Technology Corp M32C/8B Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 406 page
background image
Under development
M32C/8B Group
16. Three-Phase Motor Control Timer Function
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 185 of 385
Figure 16.7
TB2SC Register, ICTB2 Register
Bit Name
b7
0
0
0
0
0
0
0
b6 b5 b4
b1
b2
b3
Symbol
TB2SC
Address
035Eh
After Reset
00h
b0
Function
Bit Symbol
RW
Timer B2 Special Mode Register
RW
RW
PWCON
Timer B2
reload timing switch bit
0: Timer B2 underflow
1: Timer B2 underflow at the rising edge of the
timer A1 reload control signal
(every odd-numbered timer B2 underflow)
−
(b7-b1)
Reserved bits
Set to 0
Timer B2 Interrupt Generation Frequency Set Counter(1, 2)
Symbol
ICTB2
Address
030Dh
RW
After Reset
Undefined
NOTES:
1. Read-modify-write instructions cannot be used to set the ICTB2 register. Refer to Usage Notes for details.
2. If the INV01 bit in the INVC0 register is set to 1, set the ICTB2 register while the TB2S bit is set to 0 (count stops). If the INV01
bit is set to 0, do not set the ICTB2 register when timer B2 underflows, regardless of the TB2S bit setting.
−
b7
b0
Function
Unimplemented.
Write 0. Read as undefined value.
Setting Range
b6 b5 b4 b3
WO
1 to 15
- When the INV01 bit in the INVC0 register is set to 0 (the ICTB2
counter increments every timer B2 underflows) and a setting
value is n, the timer B2 interrupt request is generated every n-th
timer B2 underflow.
- When bits INV01 and INV00 are set to 10b (the ICTB2 counter
increments when the timer B2 underflow at the rising edge of the
timer A1 reload control signal) and a setting value is n, the first
timer B2 interrupt request is generated at the (2n-1)th timer B2
underflow. From the 2nd time on, the request is generated every
2n-th timer B2 underflow.
- When bits INV01 and INV00 are set to 11b (the ICTB2 counter
increments when the timer B2 underflow occurs at the falling edge
of the timer A1 reload control signal) and a setting value is n;
• When n
> 1, the first timer B2 interrupt request is generated at
the (2n-2)th timer B2 underflow. From the 2nd time on, the
request is generated every 2n-th timer B2 underflow.
• When n = 1, the timer B2 interrupt request is generated every
2n-th timer B2 underflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com