Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 199Page - Renesas Technology Corp M32C/8B Datasheet HTML 200Page - Renesas Technology Corp M32C/8B Datasheet HTML 201Page - Renesas Technology Corp M32C/8B Datasheet HTML 202Page - Renesas Technology Corp M32C/8B Datasheet HTML 203Page - Renesas Technology Corp M32C/8B Datasheet HTML 204Page - Renesas Technology Corp M32C/8B Datasheet HTML 205Page - Renesas Technology Corp M32C/8B Datasheet HTML 206Page - Renesas Technology Corp M32C/8B Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 406 page
background image
Under development
M32C/8B Group
16. Three-Phase Motor Control Timer Function
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 186 of 385
Figure 16.8
TB2 Register, DTT Register when Using Three-Phase Motor Control Timer Function
Symbol
TB2
Address
0355h - 0354h
After Reset
Undefined
Function
RW
Timer B2 Register(1)
RW
If a setting value is n, f1 is divided by n+1.
Timers A1, A2, and A4 start every time timer B2 underflows.
NOTE:
1. Read and write this register in 16-bit units.
Setting Range
0000h to FFFFh
b15
b0
b7
b8
Symbol
DTT
Address
030Ch
After Reset
Undefined
Function
RW
Dead Time Timer(1, 2, 3)
WO
This one-shot timer is used to delay the timing for a turn-on signal
to be switched to its active level in order to prevent the upper and
lower arm short circuit.
If a setting value is n, the count source is counted n times after the
start trigger occurs, and then the timer stops.
NOTES:
1. Read-modify-write instructions cannot be used to set the DTT register. Refer to Usage Notes for details.
2. The DTT register setting is enabled when the INV15 bit in the INVC1 register is set to 0 (dead time enabled). No dead time is
generated when the INV15 bit is set to 1 (dead time disabled).
3. The INV16 bit in the INVC1 register determines the start trigger of the DTT register. The INV12 bit determines the count source.
Setting Range
01h to FFh
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com