Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 202Page - Renesas Technology Corp M32C/8B Datasheet HTML 203Page - Renesas Technology Corp M32C/8B Datasheet HTML 204Page - Renesas Technology Corp M32C/8B Datasheet HTML 205Page - Renesas Technology Corp M32C/8B Datasheet HTML 206Page - Renesas Technology Corp M32C/8B Datasheet HTML 207Page - Renesas Technology Corp M32C/8B Datasheet HTML 208Page - Renesas Technology Corp M32C/8B Datasheet HTML 209Page - Renesas Technology Corp M32C/8B Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 406 page
background image
Under development
M32C/8B Group
16. Three-Phase Motor Control Timer Function
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 189 of 385
16.1
Triangular Wave Modulation Mode
In triangular wave modulation mode, one cycle of carrier waveform consists of two timer B2 underflow cycles.
A timer Ai one-shot pulse (i = 1, 2, and 4) is generated by using a timer B2 underflow signal as a trigger. Two of the
timer Ai one-shot pulses are used to output one cycle of the PWM waveform. Table 16.3 lists specifications and
settings of triangular wave modulation mode.
Triangular wave modulation mode has two operation modes, three-phase mode 0 and three-phase mode 1.
TAi register is used in three-phase mode 0. Every time a timer B2 underflow interrupt occurs, the one-shot pulse
width is set in the TAi register.
Registers TAi and TAi1 are used in three-phase mode 1. Two different widths of the one-shot pulse can be set in
these registers. If a setting value of the ICTB2 register is n, a timer B2 underflow interrupt is generated every n-th
or every 2n-th timer B2 underflow to set values in registers TAi and TAi1.
Table 16.3
Specifications and Settings of Triangular Wave Modulation Mode
m: Value of the TB2 register
a2k-1: Value set to the TAi register at odd-numbered time.
a2k: Value set to the TAi register at even-numbered time.
bk: Value set to the TAi1 register at k-th time.
ak: Value set to the TAi register at k-th time.
j: the number of interrupts
Item
Three-Phase Mode 0
Three-Phase Mode 1
INV06 bit
0
0
INV11 bit
0
1
Bits INV01 and
INV00
00b or 01b
00b
10b
11b
PWCON bit
0
0 or 1
ICTB2 register
1
n
Carrier wave cycle
Upper arm active
level output width
INV13 bit
0 or 1
Indicates the timer A1 reload control signal state.
Timer B2 interrupt
generation timing
Timer B2 underflow
Every n-th timer B2
underflow
Every 2n-th timer B2 underflow
Every odd-numbered
(2n × j - 1) timer B2
underflow
Every even-
numbered (2n × j)
timer B2 underflow
Timer B2 reload
timing
Timer B2 underflow
• Timer B2 underflow (PWCON = 0)
• Timer B2 underflow at the rising edge of the timer A1 reload control
signal (PWCON = 1)
Transfer timing from
IDBp register to
three-phase output
shift register
When a value is written to the IDBp register (p = 0, 1), the value is transferred only once by the
first transfer trigger.
Dead time timer start
timing
• At the falling edge of the one-shot pulse of timer A1, A2 and A4 (INV16 = 0)
• At the rising edge of the three-phase output shift register (INV16 = 1)
2
f1
× (m + 1)
2
f1
× (m+1)
×(m+1 - a2k-1+a2k)
1
f1
1
f1
× (m+1 - bk+ak)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com