Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 206Page - Renesas Technology Corp M32C/8B Datasheet HTML 207Page - Renesas Technology Corp M32C/8B Datasheet HTML 208Page - Renesas Technology Corp M32C/8B Datasheet HTML 209Page - Renesas Technology Corp M32C/8B Datasheet HTML 210Page - Renesas Technology Corp M32C/8B Datasheet HTML 211Page - Renesas Technology Corp M32C/8B Datasheet HTML 212Page - Renesas Technology Corp M32C/8B Datasheet HTML 213Page - Renesas Technology Corp M32C/8B Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 406 page
background image
Under development
M32C/8B Group
16. Three-Phase Motor Control Timer Function
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 193 of 385
16.2
Sawtooth Wave Modulation Mode
In sawtooth wave modulation mode, one cycle of carrier waveform consists of one timer B2 underflow cycle.
A timer Ai one-shot pulse (i = 1, 2, and 4) is generated by using a timer B2 underflow signal as a trigger. Single
one-shot pulse from timer Ai is used to output one cycle of the PWM waveform. Table 16.4 lists specifications and
settings of sawtooth wave modulation mode.
Table 16.4
Specifications and Settings of Sawtooth Wave Modulation Mode
m: Value of the TB2 register
ak: Value set to the TAi register at k-th time.
Item
Three-Phase Mode 0
INV06 bit
1
INV11 bit
0
Bits INV01 and INV00
00b or 01b
PWCON bit
0
ICTB2 register
n
INV16 bit
0
Carrier wave cycle
Upper arm active level output
width
Timer B2 interrupt generation
timing
Every n-th timer B2 underflow
Timer B2 reload timing
Timer B2 underflow
Transfer timing from IDBp
register to three-phase output
shift register (p = 0, 1)
Every time a transfer trigger occurs.
Dead time timer start timing
• At the falling edge of the one-shot pulse of timer A1, A2 and A4
• Transfer trigger
1
f1
× (m + 1)
× ak
1
f1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com