Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 210Page - Renesas Technology Corp M32C/8B Datasheet HTML 211Page - Renesas Technology Corp M32C/8B Datasheet HTML 212Page - Renesas Technology Corp M32C/8B Datasheet HTML 213Page - Renesas Technology Corp M32C/8B Datasheet HTML 214Page - Renesas Technology Corp M32C/8B Datasheet HTML 215Page - Renesas Technology Corp M32C/8B Datasheet HTML 216Page - Renesas Technology Corp M32C/8B Datasheet HTML 217Page - Renesas Technology Corp M32C/8B Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 197 of 385
17.1
UART0 to UART4
Figure 17.1 shows a UART0 to UART4 block diagram. Figures 17.2 to 17.10 show the registers associated with
UART0 to UART4. Refer to the tables listing for register and pin settings in each mode.
Figure 17.1
UART0 to UART 4 Block Diagram
m = Setting value of the UiBRG register
NOTES:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
2. Select either Input/output port (CLKi input) or CLKi output in the Function Select Registers. (Refer to the chapter Programmable
I/O Ports
.)
3. Select either Input/output port or RTSi output in the Function Select Registers. (Refer to the chapter Programmable I/O Ports.)
Logic inverse circuit + MSB/LSB conversion circuit
High-order bits of data bus
Low-order bits of data bus
i = 0 to 4
SP: Stop bit
PAR: Parity bit
SMD2 to SMD0, STPS, PRYE, IOPOL, and CKDIR: bits in the UiMR register
CLK1 and CLK0, CKPOL, CRD, and CRS: bits in the UiC0 register
UiERE: bit in the UiC1 register
UARTi transmit shift register
Logic inverse circuit + MSB/LSB conversion circuit
D0
D1
D2
D3
D4
D5
D6
D7
UiTB register
b0
b1
b2
b3
b4
b5
b6
D8
PRYE
0
PAR
STPS
0
SP
SP
TXDi
UiERE
0
1
Error signal
output circuit
D8
0
0
0
0
0
0
0
D0
D1
D2
D3
D4
D5
D6
D7
UiRB register
1
1
IOPOL
0
1
RXDi
IOPOL
0
UARTi receive shift register
SMD2 to SMD0
b0
b1
b2
b3
b4
b5
b6
b7
100
001
101
110
b8
110
001
101
PRYE
0
PAR
STPS
0
SP
SP
001
100
101
110
1
1
1
SMD2 to SMD0
b7
100
001
101
110
b8
110
001
101
001
100
101
110
TXDi
CKPOL
CTSi / RTSi
100, 101, 110
SMD2 to SMD0
00
01
10
f1
f8
F2n(1)
CLK1 and CLK0
RXDi
RTSi output
CTSi input
Function Select
Register(3)
CKDIR
UiBRG
register
001
Receive
clock
Transmit
clock
100, 101, 110
001
Receive
control circuit
Transmit
control circuit
Transmit/
receive
unit
1/(m+1)
1/16
1/16
1/2
Polarity
switching
CRD
CRS
0
1
CKDIR
0
1
CLKi
Polarity
switching
Function Select
Register(2)
CLKi output
CLKi input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com