Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 212Page - Renesas Technology Corp M32C/8B Datasheet HTML 213Page - Renesas Technology Corp M32C/8B Datasheet HTML 214Page - Renesas Technology Corp M32C/8B Datasheet HTML 215Page - Renesas Technology Corp M32C/8B Datasheet HTML 216Page - Renesas Technology Corp M32C/8B Datasheet HTML 217Page - Renesas Technology Corp M32C/8B Datasheet HTML 218Page - Renesas Technology Corp M32C/8B Datasheet HTML 219Page - Renesas Technology Corp M32C/8B Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 199 of 385
Figure 17.3
U0SMR to U4SMR Registers
b7
0
b6 b5 b4
b1
b2
b3
Symbol
U0SMR to U2SMR
U3SMR, U4SMR
Address
0367h, 02E7h, 0337h
0327h, 02F7h
After Reset
00h
00h
b0
Function
Bit Symbol
Bit Name
RW
BBS
ABC
IICM
ACSE
SSS
Set to 0
Reserved bit
Transmit start condition
select bit(3)
I2C mode select bit
ABSCS
−
(b3)
0: Rising edge of serial clock
1: Timer Aj underflow (j = 0, 3, 4)(4)
0 : Not related to RXDi
1 : Synchronized with RXDi
Bus conflict detect
sampling clock select bit(3)
0: No auto clear function
1: Auto cleared when bus conflict occurs
Auto clear function select
bit for transmit enable bit(3)
Clock division synchronous
bit(5,6)
0: External clock not divided
1: External clock divided by 2
SCLKDIV
UARTi Special Mode Register (i = 0 to 4)
RW
RW
RW
RW
RW
RW
RW
RW
Arbitration lost detect flag
control bit(1)
Bus busy flag(1, 2)
0: Updated per bit
1: Updated per byte
0: Stop condition detected (bus is free)
1: Start condition detected (bus is busy)
0 : Other than I2C mode
1 : I2C mode
NOTES:
1. These bits are used in I2C mode.
2. The BBS bit can be set to 0 by a program. Writing a 1 has no effect.
3. These bits are used in IE mode.
4. UART0: Timer A3 underflow signal, UART1: Timer A4 underflow signal,
UART2: Timer A0 underflow signal, UART3: Timer A3 underflow signal,
UART4: Timer A4 underflow signal.
5. The SCLKDIV bit is used in GCI mode.
6. Refer to the note for the SU1HIM bit in the UiSMR2 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com