Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 214Page - Renesas Technology Corp M32C/8B Datasheet HTML 215Page - Renesas Technology Corp M32C/8B Datasheet HTML 216Page - Renesas Technology Corp M32C/8B Datasheet HTML 217Page - Renesas Technology Corp M32C/8B Datasheet HTML 218Page - Renesas Technology Corp M32C/8B Datasheet HTML 219Page - Renesas Technology Corp M32C/8B Datasheet HTML 220Page - Renesas Technology Corp M32C/8B Datasheet HTML 221Page - Renesas Technology Corp M32C/8B Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 201 of 385
Figure 17.5
U0SMR3 to U4SMR3 Registers
b7 b6 b5 b4
b1
b2
b3
Symbol
U0SMR3 to U2SMR3
U3SMR3, U4SMR3
Address
0365h, 02E5h, 0335h
0325h, 02F5h
After Reset
00h
00h
b0
Function
Bit Symbol
Bit Name
RW
DINC
CKPH
SSE
DL0
DL1
0: CLKi is CMOS output
1: CLKi is N-channel open drain output
Clock output select bit
SS function enable bit(1)
ERR
NODC
0: No mode error
1: Mode error occurred(3)
Mode error flag(1)
SDAi output is delayed by the following cycles.
b7 b6 b5
0 0 0: No delay
0 0 1: 1-to-2 cycles of BRG count source
0 1 0: 2-to-3 cycles of BRG count source
0 1 1: 3-to-4 cycles of BRG count source
1 0 0: 4-to-5 cycles of BRG count source
1 0 1: 5-to-6 cycles of BRG count source
1 1 0: 6-to-7 cycles of BRG count source
1 1 1: 7-to-8 cycles of BRG count source
SDAi digital delay set bits(4, 5)
DL2
UARTi Special Mode Register 3 (i = 0 to 4)
RW
RW
RW
RW
RW
RW
RW
RW
Clock phase set bit(1)
Serial I/O pin set bit(1)
0: No Clock delay
1: Clock delay
0: Pins TXDi and RXDi selected (master mode)
1: Pins STXDi and SRXDi selected (slave mode)
0: SS function disabled
1: SS function enabled(2)
NOTES:
1. These bits are used in special mode 2.
2. When the SS pin is set to 1, set the CRD bit in the UiC0 register to 1 ( CTS function disabled).
3. The ERR bit can be set to 0 by a program. Writing a 1 has no effect.
4. Digital delay is added to a SDAi output using bits DL2 to DL0 in I 2C mode. Set them to 000b (no delay) in other than I2C mode.
5. When the external clock is selected, SDAi output is delayed by approximately 100 ns in addition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com