Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 211Page - Renesas Technology Corp M32C/8B Datasheet HTML 212Page - Renesas Technology Corp M32C/8B Datasheet HTML 213Page - Renesas Technology Corp M32C/8B Datasheet HTML 214Page - Renesas Technology Corp M32C/8B Datasheet HTML 215Page - Renesas Technology Corp M32C/8B Datasheet HTML 216Page - Renesas Technology Corp M32C/8B Datasheet HTML 217Page - Renesas Technology Corp M32C/8B Datasheet HTML 218Page - Renesas Technology Corp M32C/8B Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 198 of 385
Figure 17.2
U0MR to U4MR Registers
b7 b6 b5 b4
b1
b2
b3
Symbol
U0MR to U2MR
U3MR, U4MR
Address
0368h, 02E8h, 0338h
0328h,02F8h
After Reset
00h
00h
b0
Function
Bit Symbol
Bit Name
RW
SMD2
SMD1
SMD0
PRY
PRYE
b2 b1 b0
0 0 0: Serial interface disabled
0 0 1: Clock synchronous mode
0 1 0: I2C mode
1 0 0: UART mode, 7-bit data length
1 0 1: UART mode, 8-bit data length
1 1 0: UART mode, 9-bit data length
Do not set to values other than the above
0: Internal clock
1: External clock
Clock select bit
Parity enable bit
Serial interface mode select bits
STPS
CKDIR
0: 1 stop bit
1: 2 stop bits
0: Parity disabled
1: Parity enabled
Stop bit length select bit
Enabled when PRYE=1
0: Odd parity
1: Even parity
Parity select bit
TXD, RXD input/output
polarity switch bit
0: Not inverted
1: Inverted
IOPOL
UARTi transmit/receive mode register (i = 0 to 4)
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com