Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 197Page - Renesas Technology Corp M32C/8B Datasheet HTML 198Page - Renesas Technology Corp M32C/8B Datasheet HTML 199Page - Renesas Technology Corp M32C/8B Datasheet HTML 200Page - Renesas Technology Corp M32C/8B Datasheet HTML 201Page - Renesas Technology Corp M32C/8B Datasheet HTML 202Page - Renesas Technology Corp M32C/8B Datasheet HTML 203Page - Renesas Technology Corp M32C/8B Datasheet HTML 204Page - Renesas Technology Corp M32C/8B Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 406 page
background image
Under development
M32C/8B Group
16. Three-Phase Motor Control Timer Function
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 184 of 385
Figure 16.6
TRGSR Register when Using Three-Phase Motor Control Timer Function
Trigger Select Register
Symbol
TRGSR
Address
0343h
Bit Symbol
RW
TA1TGL
After Reset
00h
NOTE:
1. Overflow or underflow.
TA1TGH
RW
RW
b7 b6 b5 b4
b1
b2
b3
b0
Bit Name
Timer A1 trigger select bits
Function
Set to 01b (TB2 underflow) to use the V-phase
output control circuit
TA2TGL
TA2TGH
RW
RW
Timer A2 trigger select bits
Set to 01b (TB2 underflow) to use the W-phase
output control circuit
TA3TGL
TA3TGH
RW
RW
Timer A3 trigger select bits
b5 b4
0 0: Input to the TA3IN pin selected
0 1: TB2 overflow selected(1)
1 0: TA2 overflow selected(1)
1 1: TA4 overflow selected(1)
TA4TGL
TA4TGH
RW
RW
Timer A4 trigger select bits
Set to 01b (TB2 underflow) to use the U-phase
output control circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com