Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 336Page - Renesas Technology Corp H8S2245 Datasheet HTML 337Page - Renesas Technology Corp H8S2245 Datasheet HTML 338Page - Renesas Technology Corp H8S2245 Datasheet HTML 339Page - Renesas Technology Corp H8S2245 Datasheet HTML 340Page - Renesas Technology Corp H8S2245 Datasheet HTML 341Page - Renesas Technology Corp H8S2245 Datasheet HTML 342Page - Renesas Technology Corp H8S2245 Datasheet HTML 343Page - Renesas Technology Corp H8S2245 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 298 of 772
REJ09B0355-0300
9.2.3
Timer I/O Control Register (TIOR)
7
IOB3
0
R/W
6
IOB2
0
R/W
5
IOB1
0
R/W
4
IOB0
0
R/W
3
IOA3
0
R/W
0
IOA0
0
R/W
2
IOA2
0
R/W
1
IOA1
0
R/W
Bit
Initial value
R/W
:
:
:
Channel 0: TIOR0H
Channel 1: TIOR1
Channel 2: TIOR2
7
IOD3
0
R/W
6
IOD2
0
R/W
5
IOD1
0
R/W
4
IOD0
0
R/W
3
IOC3
0
R/W
0
IOC0
0
R/W
2
IOC2
0
R/W
1
IOC1
0
R/W
Channel 0: TIOR0L
Note: When TGRC or TGRD is designated for buffer operation, this setting is invalid and the
register operates as a buffer register.
Bit
Initial value
R/W
:
:
:
The TIOR registers are 8-bit registers that control the TGR registers. The TPU has four TIOR
registers, two for channel 0 and one each for channels 1, and 2. The TIOR registers are initialized
to H'00 by a reset, and in hardware standby mode.
Care is required since TIOR is affected by the TMDR setting. The initial output specified by TIOR
is valid when the counter is stopped (the CST bit in TSTR is cleared to 0). Note also that, in PWM
mode 2, the output at the point at which the counter is cleared to 0 is specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com