Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 334Page - Renesas Technology Corp H8S2245 Datasheet HTML 335Page - Renesas Technology Corp H8S2245 Datasheet HTML 336Page - Renesas Technology Corp H8S2245 Datasheet HTML 337Page - Renesas Technology Corp H8S2245 Datasheet HTML 338Page - Renesas Technology Corp H8S2245 Datasheet HTML 339Page - Renesas Technology Corp H8S2245 Datasheet HTML 340Page - Renesas Technology Corp H8S2245 Datasheet HTML 341Page - Renesas Technology Corp H8S2245 Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 296 of 772
REJ09B0355-0300
9.2.2
Timer Mode Register (TMDR)
7
—
1
—
6
—
1
—
5
BFB
0
R/W
4
BFA
0
R/W
3
MD3
0
R/W
0
MD0
0
R/W
2
MD2
0
R/W
1
MD1
0
R/W
Bit
Initial value
R/W
:
:
:
Channel 0: TMDR0
7
—
1
—
6
—
1
—
5
—
0
—
4
—
0
—
3
MD3
0
R/W
0
MD0
0
R/W
2
MD2
0
R/W
1
MD1
0
R/W
Bit
Initial value
R/W
:
:
:
Channel 1: TMDR1
Channel 2: TMDR2
The TMDR registers are 8-bit readable/writable registers that are used to set the operating mode
for each channel. The TPU has three TMDR registers, one for each channel. The TMDR registers
are initialized to H'C0 by a reset, and in hardware standby mode.
TCNT operation should be stopped when making TMDR settings.
Bits 7 and 6—Reserved: Read-only bits, always read as 1.
Bit 5—Buffer Operation B (BFB): Specifies whether TGRB is to operate in the normal way, or
TGRB and TGRD are to be used together for buffer operation. When TGRD is used as a buffer
register, TGRD input capture/output compare is not generated.
In channels 1 and 2, which have no TGRD, bit 5 is reserved. It is always read as 0 and cannot be
modified.
Bit 5
BFB
Description
0
TGRB operates normally
(Initial value)
1
TGRB and TGRD used together for buffer operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com