Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 330Page - Renesas Technology Corp H8S2245 Datasheet HTML 331Page - Renesas Technology Corp H8S2245 Datasheet HTML 332Page - Renesas Technology Corp H8S2245 Datasheet HTML 333Page - Renesas Technology Corp H8S2245 Datasheet HTML 334Page - Renesas Technology Corp H8S2245 Datasheet HTML 335Page - Renesas Technology Corp H8S2245 Datasheet HTML 336Page - Renesas Technology Corp H8S2245 Datasheet HTML 337Page - Renesas Technology Corp H8S2245 Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 292 of 772
REJ09B0355-0300
Channel
Name
Abbreviation
R/W
Initial Value
Address*
1
All
Timer start register
TSTR
R/W
H'00
H'FFC0
Timer synchro register
TSYR
R/W
H'00
H'FFC1
Module stop control register
MSTPCR
R/W
H'3FFF
H'FF3C
Notes: 1. Lower 16 bits of the address.
2. Can only be written with 0 for flag clearing.
9.2
Register Descriptions
9.2.1
Timer Control Register (TCR)
7
CCLR2
0
R/W
6
CCLR1
0
R/W
5
CCLR0
0
R/W
4
CKEG1
0
R/W
3
CKEG0
0
R/W
0
TPSC0
0
R/W
2
TPSC2
0
R/W
1
TPSC1
0
R/W
Bit
Initial value
R/W
:
:
:
Channel 0: TCR0
7
—
0
—
6
CCLR1
0
R/W
5
CCLR0
0
R/W
4
CKEG1
0
R/W
3
CKEG0
0
R/W
0
TPSC0
0
R/W
2
TPSC2
0
R/W
1
TPSC1
0
R/W
Channel 1: TCR1
Channel 2: TCR2
Bit
Initial value
R/W
:
:
:
The TCR registers are 8-bit registers that control the TCNT channels. The TPU has three TCR
registers, one for each of channels 0 to 2. The TCR registers are initialized to H'00 by a reset, and
in hardware standby mode.
TCNT operation should be stopped when making TCR settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com