Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 333 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 329Page - Renesas Technology Corp H8S2245 Datasheet HTML 330Page - Renesas Technology Corp H8S2245 Datasheet HTML 331Page - Renesas Technology Corp H8S2245 Datasheet HTML 332Page - Renesas Technology Corp H8S2245 Datasheet HTML 333Page - Renesas Technology Corp H8S2245 Datasheet HTML 334Page - Renesas Technology Corp H8S2245 Datasheet HTML 335Page - Renesas Technology Corp H8S2245 Datasheet HTML 336Page - Renesas Technology Corp H8S2245 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 291 of 772
REJ09B0355-0300
9.1.4
Register Configuration
Table 9.3 summarizes the TPU registers.
Table 9.3
TPU Registers
Channel
Name
Abbreviation
R/W
Initial Value
Address*
1
0
Timer control register 0
TCR0
R/W
H'00
H'FFD0
Timer mode register 0
TMDR0
R/W
H'C0
H'FFD1
Timer I/O control register 0H
TIOR0H
R/W
H'00
H'FFD2
Timer I/O control register 0L
TIOR0L
R/W
H'00
H'FFD3
Timer interrupt enable register 0 TIER0
R/W
H'40
H'FFD4
Timer status register 0
TSR0
R/(W)*
2
H'C0
H'FFD5
Timer counter 0
TCNT0
R/W
H'0000
H'FFD6
Timer general register 0A
TGR0A
R/W
H'FFFF
H'FFD8
Timer general register 0B
TGR0B
R/W
H'FFFF
H'FFDA
Timer general register 0C
TGR0C
R/W
H'FFFF
H'FFDC
Timer general register 0D
TGR0D
R/W
H'FFFF
H'FFDE
1
Timer control register 1
TCR1
R/W
H'00
H'FFE0
Timer mode register 1
TMDR1
R/W
H'C0
H'FFE1
Timer I/O control register 1
TIOR1
R/W
H'00
H'FFE2
Timer interrupt enable register 1 TIER1
R/W
H'40
H'FFE4
Timer status register 1
TSR1
R/(W) *
2
H'C0
H'FFE5
Timer counter 1
TCNT1
R/W
H'0000
H'FFE6
Timer general register 1A
TGR1A
R/W
H'FFFF
H'FFE8
Timer general register 1B
TGR1B
R/W
H'FFFF
H'FFEA
2
Timer control register 2
TCR2
R/W
H'00
H'FFF0
Timer mode register 2
TMDR2
R/W
H'C0
H'FFF1
Timer I/O control register 2
TIOR2
R/W
H'00
H'FFF2
Timer interrupt enable register 2 TIER2
R/W
H'40
H'FFF4
Timer status register 2
TSR2
R/(W) *
2
H'C0
H'FFF5
Timer counter 2
TCNT2
R/W
H'0000
H'FFF6
Timer general register 2A
TGR2A
R/W
H'FFFF
H'FFF8
Timer general register 2B
TGR2B
R/W
H'FFFF
H'FFFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com