Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 332Page - Renesas Technology Corp H8S2245 Datasheet HTML 333Page - Renesas Technology Corp H8S2245 Datasheet HTML 334Page - Renesas Technology Corp H8S2245 Datasheet HTML 335Page - Renesas Technology Corp H8S2245 Datasheet HTML 336Page - Renesas Technology Corp H8S2245 Datasheet HTML 337Page - Renesas Technology Corp H8S2245 Datasheet HTML 338Page - Renesas Technology Corp H8S2245 Datasheet HTML 339Page - Renesas Technology Corp H8S2245 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 294 of 772
REJ09B0355-0300
Bits 4 and 3—Clock Edge 1 and 0 (CKEG1, CKEG0): These bits select the input clock edge.
When a both-edges count is selected, a clock divided by two from the input clock can be selected.
(e.g.
φ/4 both edges = φ/2 rising edge). If phase counting mode is used on channels 1, and 2, this
setting is ignored and the phase counting mode setting has priority.
Bit 4
Bit 3
CKEG1
CKEG0
Description
0
0
Count at rising edge
(Initial value)
1
Count at falling edge
1
—
Count at both edges
Note:
Internal clock edge selection is valid when the input clock is
φ/4 or slower. If φ/1 is selected
as the input clock, this setting is ignored and count at falling edge of
φ is selected.
Bits 2, 1, and 0—Time Prescaler 2, 1, and 0 (TPSC2 to TPSC0): These bits select the TCNT
counter clock. The clock source can be selected independently for each channel. Table 9.4 shows
the clock sources that can be set for each channel.
Table 9.4
TPU Clock Sources
Internal Clock
External Clock
Channel
φφφφ/1
φφφφ/4
φφφφ/16
φφφφ/64
φφφφ/256
φφφφ/1024
TCLKA
TCLKB
TCLKC
TCLKD
0
1
2
Legend:
:
Setting
Blank: No setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com