Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 809 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 809 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 805Page - Renesas Technology Corp H8S2245 Datasheet HTML 806Page - Renesas Technology Corp H8S2245 Datasheet HTML 807Page - Renesas Technology Corp H8S2245 Datasheet HTML 808Page - Renesas Technology Corp H8S2245 Datasheet HTML 809Page - Renesas Technology Corp H8S2245 Datasheet HTML 810Page - Renesas Technology Corp H8S2245 Datasheet HTML 811Page - Renesas Technology Corp H8S2245 Datasheet HTML 812Page - Renesas Technology Corp H8S2245 Datasheet HTML 813Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 809 / 818 page
background image
Appendix E Pin States at Power-On
Rev.3.00 Mar. 26, 2007 Page 767 of 772
REJ09B0355-0300
Appendix E Pin States at Power-On
Note that pin states at power-on depend on the state of the
STBY pin and NMI pin. The case in
which pins settle* from an indeterminate state at power-on, and the case in which pins settle* from
the high-impedance state, are described below.
After reset release, power-on reset exception handling is started.
Note: *
"Settle" refers to the pin states in a power-on reset in each MCU operating mode.
E.1
When Pins Settle from an Indeterminate State at Power-On
When the NMI pin level changes from low to high after powering on, the chip goes to the power-
on reset state after a high level is detected at the NMI pin. While the chip detects a low level at the
NMI pin, the manual reset state is established. The pin states are indeterminate during this
interval. (Ports may output an internally determined value after powering on.)
The NMI setup time (t
NMIS) is necessary for the chip to detect a high level at the NMI pin.
VCC
STBY
NMI
RES
φ
Power-on reset
tOSC1
NMI = Low
→ NMI = High
RES = Low
Manual reset
Figure E.1 When Pins Settle from an Indeterminate State at Power-On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com