Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 810 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 810 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 806Page - Renesas Technology Corp H8S2245 Datasheet HTML 807Page - Renesas Technology Corp H8S2245 Datasheet HTML 808Page - Renesas Technology Corp H8S2245 Datasheet HTML 809Page - Renesas Technology Corp H8S2245 Datasheet HTML 810Page - Renesas Technology Corp H8S2245 Datasheet HTML 811Page - Renesas Technology Corp H8S2245 Datasheet HTML 812Page - Renesas Technology Corp H8S2245 Datasheet HTML 813Page - Renesas Technology Corp H8S2245 Datasheet HTML 814Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 810 / 818 page
background image
Appendix E Pin States at Power-On
Rev.3.00 Mar. 26, 2007 Page 768 of 772
REJ09B0355-0300
E.2
When Pins Settle from the High-Impedance State at Power-On
When the
STBY pin level changes from low to high after powering on, the chip goes to the power-
on reset state after a high level is detected at the
STBY pin. While the chip detects a low level at
the
STBY pin, it is in the hardware standby mode. During this interval, the pins are in the high-
impedance state.
After detecting a high level at the
STBY pin, the chip starts oscillation.
VCC
NMI
φ
Power-on reset
tOSC1
NMI = High
RES = Low
T1
Confirm t1min and tNMIS.
Hardware
standby mode
STBY
RES
Figure E.2 When Pins Settle from the High-Impedance State at Power-On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com