Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 811 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 811 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 807Page - Renesas Technology Corp H8S2245 Datasheet HTML 808Page - Renesas Technology Corp H8S2245 Datasheet HTML 809Page - Renesas Technology Corp H8S2245 Datasheet HTML 810Page - Renesas Technology Corp H8S2245 Datasheet HTML 811Page - Renesas Technology Corp H8S2245 Datasheet HTML 812Page - Renesas Technology Corp H8S2245 Datasheet HTML 813Page - Renesas Technology Corp H8S2245 Datasheet HTML 814Page - Renesas Technology Corp H8S2245 Datasheet HTML 815Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 811 / 818 page
background image
Appendix F Timing of Transition to and Recovery from Hardware Standby Mode
Rev.3.00 Mar. 26, 2007 Page 769 of 772
REJ09B0355-0300
Appendix F Timing of Transition to and Recovery from
Hardware Standby Mode
Timing of Transition to Hardware Standby Mode
(1) To retain RAM contents with the RAME bit set to 1 in SYSCR, drive the
RES signal low at
least 10 states before the
STBY signal goes low, as shown figure F.1. RES must remain low
until
STBY goes low (delay from STBY fall to RES rise: minimum 0 ns).
STBY
RES
t1 ≥ 10 tcyc
t2 ≥ 0 ns
Figure F.1 Timing of Transition to Hardware Standby Mode
(2) To retain RAM contents with the RAME bit cleared to 0 in SYSCR, or when RAM contents do
not need to be retained,
RES does not have to be driven low as in (1).
Timing of Recovery from Hardware Standby Mode
Drive the
RES signal low and the NMI signal high approximately 100 ns or more before STBY
goes high, and execute a power-on reset.
tNMIRH
tOSC
t
≥ 100 ns
STBY
RES
NMI
Figure F.2 Timing of Recovery from Hardware Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com