Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 104Page - Renesas Technology Corp H8S2245 Datasheet HTML 105Page - Renesas Technology Corp H8S2245 Datasheet HTML 106Page - Renesas Technology Corp H8S2245 Datasheet HTML 107Page - Renesas Technology Corp H8S2245 Datasheet HTML 108Page - Renesas Technology Corp H8S2245 Datasheet HTML 109Page - Renesas Technology Corp H8S2245 Datasheet HTML 110Page - Renesas Technology Corp H8S2245 Datasheet HTML 111Page - Renesas Technology Corp H8S2245 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 818 page
background image
Section 2 CPU
Rev.3.00 Mar. 26, 2007 Page 66 of 772
REJ09B0355-0300
2.10
Usage Notes
2.10.1
TAS Instruction
Only register ER0, ER1, ER4, or ER5 should be used when using the TAS instruction. The TAS
instruction is not generated by the Renesas Technology H8S and H8/300 Series C/C++ compilers.
If the TAS instruction is used as a user-defined intrinsic function, ensure that only register ER0,
ER1, ER4, or ER5 is used.
2.10.2
STM/LDM Instruction
With the STM or LDM instruction, the ER7 register is used as the stack pointer, and thus cannot
be used as a register that allows save (STM) or restore (LDM) operation.
With a single STM or LDM instruction, two to four registers can be saved or restored. The
available registers are as follows:
For two registers: ER0 and ER1, ER2 and ER3, or ER4 and ER5
For three registers: ER0 to ER2, or ER4 to ER6
For four registers: ER0 to ER3
For the Renesas Technology H8S or H8/300 Series C/C++ Compiler, the STM/LDM instruction
including ER7 is not created.
2.10.3
Bit Manipulation Instructions
When a register that includes write-only bits is manipulated by a bit manipulation instruction,
there are cases where the bits manipulated are not manipulated correctly or bits unrelated to the
bits manipulated are changed.
When a register containing write-only bits is read, the value read is either a fixed value or an
undefined value. This means that the bit manipulation instructions that use the value of bits read in
their operation (BNOT, BTST, BAND, BIAND, BOR, BIOR, BXOR, BIXOR, BLD, and BILD)
will not perform correct bit operations.
Also, bit manipulation instructions that perform a write operation on the data read after the
calculation (BSET, BCLR, BNOT, BST, and BIST) may change bits unrelated to the bits
manipulated. Thus extreme care is required when performing bit manipulation instructions on
registers that include write-only bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com