Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 105Page - Renesas Technology Corp H8S2245 Datasheet HTML 106Page - Renesas Technology Corp H8S2245 Datasheet HTML 107Page - Renesas Technology Corp H8S2245 Datasheet HTML 108Page - Renesas Technology Corp H8S2245 Datasheet HTML 109Page - Renesas Technology Corp H8S2245 Datasheet HTML 110Page - Renesas Technology Corp H8S2245 Datasheet HTML 111Page - Renesas Technology Corp H8S2245 Datasheet HTML 112Page - Renesas Technology Corp H8S2245 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 818 page
background image
Section 2 CPU
Rev.3.00 Mar. 26, 2007 Page 67 of 772
REJ09B0355-0300
The BSET, BCLR, BNOT, BST, and BIST instructions perform their operations in the following
order.
1. Read the data in byte units
2. Perform the bit manipulation operation according to the instruction on the data read
3.
Write the data back in byte units
Example: Using the BCLR instruction to clear only bit 4 in the port 1 P1DDR register.
The P1DDR register consists of 8 write-only bits and sets the I/O direction of the port 1 pins.
Reading this register is invalid. When read, the values returned are undefined.
Here we present an example in which P14 is specified to be an input port using the BCLR
instruction. Currently, P17 to P14 are set to be output pins and P13 to P10 are set to be input pins.
At this point, the value of P1DDR is H'F0.
P17
P16
P15
P14
P13
P12
P11
P10
I/O
Output
Output
Output
Output
Input
Input
Input
Input
P1DDR
1
1
1
1
0
0
0
0
To switch P14 from the Output pin to the input pin function, the value of P1DDR bit 4 must be
changed from 1 to 0 (H'F0
→ H'E0). Here we assume that the BCLR instruction is used to clear
P1DDR bit 4.
BCLR
#4,@P1DDR
However if a bit manipulation instruction of the type shown above is used on P1DDR, which is a
write-only register, the following problem may occur.
Although the first thing that happens is that data is read from P1DDR in byte units, the value read
at this time is undefined. An undefined value is a value that is either 0 or 1 in the register but reads
out as an arbitrary value whose relationship to the actual value is unknown. Since the P1DDR bits
are all write-only bits, every bit reads out as an undefined value. Although the actual value of
P1DDR at this point is H'F0, assume that bit 3 becomes a 1 here, and the value read out is H'F8.
P17
P16
P15
P14
P13
P12
P11
P10
I/O
Output
Output
Output
Output
Input
Input
Input
Input
P1DDR
1
1
1
1
0
0
0
0
Read value
1
1
1
1
1
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com