Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 107Page - Renesas Technology Corp H8S2245 Datasheet HTML 108Page - Renesas Technology Corp H8S2245 Datasheet HTML 109Page - Renesas Technology Corp H8S2245 Datasheet HTML 110Page - Renesas Technology Corp H8S2245 Datasheet HTML 111Page - Renesas Technology Corp H8S2245 Datasheet HTML 112Page - Renesas Technology Corp H8S2245 Datasheet HTML 113Page - Renesas Technology Corp H8S2245 Datasheet HTML 114Page - Renesas Technology Corp H8S2245 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 818 page
background image
Section 2 CPU
Rev.3.00 Mar. 26, 2007 Page 69 of 772
REJ09B0355-0300
Write data to the work area
Write the work area data to the
register that includes write-only bits
Access the work area data
(data transfer and bit manipulation
instructions can be used)
Write the work area data to the register
that includes write-only bits
Initial value write
Modifying the value of a register
that includes write-only bits
Figure 2.21 Flowchart for Access Methods for Registers That Include Write-Only Bits
Example: To clear only bit 4 in the port 1 P1DDR
The P1DDR register consists of 8 write-only bits and sets the I/O direction of the port 1 pins.
Reading this register is invalid. When read, the values returned are undefined.
Here we present an example in which P14 is specified to be an input port using the BCLR
instruction. First, we write the initial value H'F0 written to P1DDR to the work area in RAM
(RAM0).
MOV.B
#H'F0,
R0L
MOV.B
R0L,
@PAM0
MOV.B
R0L,
@P1DDR
P17
P16
P15
P14
P13
P12
P11
P10
I/O
Output
Output
Output
Output
Input
Input
Input
Input
P1DDR
1
1
1
1
0
0
0
0
RAM0
11
1
1
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com