Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 111Page - Renesas Technology Corp H8S2245 Datasheet HTML 112Page - Renesas Technology Corp H8S2245 Datasheet HTML 113Page - Renesas Technology Corp H8S2245 Datasheet HTML 114Page - Renesas Technology Corp H8S2245 Datasheet HTML 115Page - Renesas Technology Corp H8S2245 Datasheet HTML 116Page - Renesas Technology Corp H8S2245 Datasheet HTML 117Page - Renesas Technology Corp H8S2245 Datasheet HTML 118Page - Renesas Technology Corp H8S2245 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 818 page
background image
Section 3 MCU Operating Modes
Rev.3.00 Mar. 26, 2007 Page 73 of 772
REJ09B0355-0300
3.2
Register Descriptions
3.2.1
Mode Control Register (MDCR)
7
—
1
—
6
—
0
—
5
—
0
—
4
—
0
—
3
—
0
—
0
MDS0
—*
R
2
MDS2
—*
R
1
MDS1
—*
R
Note: * Determined by pins MD2 to MD0.
Bit
Initial value
R/W
:
:
:
MDCR is an 8-bit read-only register that indicates the current operating mode of the H8S/2245
Group.
Bit 7—Reserved: Read-only bit, always read as 1.
Bits 6 to 3—Reserved: Read-only bits, always read as 0.
Bits 2 to 0—Mode Select 2 to 0 (MDS2 to MDS0): These bits indicate the input levels at pins
MD
2 to MD0 (the current operating mode). Bits MDS2 to MDS0 correspond to MD2 to MD0.
MDS2 to MDS0 are read-only bits-they cannot be written to. The mode pin (MD
2 to MD0) input
levels are latched into these bits when MDCR is read. These latches are canceled by a power-on
reset, but are retained after a manual reset.
3.2.2
System Control Register (SYSCR)
7
—
0
R/W
6
—
0
—
5
INTM1
0
R/W
4
INTM0
0
R/W
3
NMIEG
0
R/W
0
RAME
1
R/W
2
—
0
—
1
—
0
—
Bit
Initial value
R/W
:
:
:
SYSCR is an 8-bit readable/writable register that selects the interrupt control mode, the detected
edge for NMI, and enable or disable the on-chip RAM.
SYSCR is initialized to H'01 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit 7—Reserved: This bit can be read or written, but does not affect operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com