Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 112Page - Renesas Technology Corp H8S2245 Datasheet HTML 113Page - Renesas Technology Corp H8S2245 Datasheet HTML 114Page - Renesas Technology Corp H8S2245 Datasheet HTML 115Page - Renesas Technology Corp H8S2245 Datasheet HTML 116Page - Renesas Technology Corp H8S2245 Datasheet HTML 117Page - Renesas Technology Corp H8S2245 Datasheet HTML 118Page - Renesas Technology Corp H8S2245 Datasheet HTML 119Page - Renesas Technology Corp H8S2245 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 818 page
background image
Section 3 MCU Operating Modes
Rev.3.00 Mar. 26, 2007 Page 74 of 772
REJ09B0355-0300
Bit 6—Reserved: Read-only bit, always read as 0.
Bits 5 and 4—Interrupt Control Mode 1 and 0 (INTM1, INTM0): These bits select the control
mode of the interrupt controller. For details of the interrupt control modes, see section 5.4.1,
Interrupt Control Modes and Interrupt Operation.
Bit 5
Bit 4
INTM1
INTM0
Interrupt
Control Mode
Description
0
0
0
Control of interrupts by I bit
(Initial value)
1
1
Control of interrupts by I bit, U bit, and ICR
10
Setting prohibited
1
Setting prohibited
Bit 3—NMI Edge Select (NMIEG): Selects the valid edge of the NMI interrupt input.
Bit 3
NMIEG
Description
0
An interrupt is requested at the falling edge of NMI input
(Initial value)
1
An interrupt is requested at the rising edge of NMI input
Bits 2 and 1—Reserved: Read-only bits, always read as 0.
Bit 0—RAM Enable (RAME): Enables or disables the on-chip RAM. The RAME bit is
initialized when the reset status is released. It is not initialized in software standby mode.
Bit 0
RAME
Description
0
On-chip RAM is disabled
1
On-chip RAM is enabled
(Initial value)
Note:
When the DTC is used, the RAME bit should not be cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com