Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 109Page - Renesas Technology Corp H8S2245 Datasheet HTML 110Page - Renesas Technology Corp H8S2245 Datasheet HTML 111Page - Renesas Technology Corp H8S2245 Datasheet HTML 112Page - Renesas Technology Corp H8S2245 Datasheet HTML 113Page - Renesas Technology Corp H8S2245 Datasheet HTML 114Page - Renesas Technology Corp H8S2245 Datasheet HTML 115Page - Renesas Technology Corp H8S2245 Datasheet HTML 116Page - Renesas Technology Corp H8S2245 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 818 page
background image
Section 3 MCU Operating Modes
Rev.3.00 Mar. 26, 2007 Page 71 of 772
REJ09B0355-0300
Section 3 MCU Operating Modes
3.1
Overview
3.1.1
Operating Mode Selection
Except for the H8S/2240, all H8S/2245 Group products have seven operating modes (modes 1 to
7). The H8S/2240 has three operating modes (modes 1, 4, and 5). These modes enable selection of
the CPU operating mode, enabling/disabling of on-chip ROM, and the initial bus width setting, by
setting the mode pins (MD
2 to MD0).
Table 3.1 lists the MCU operating modes.
Table 3.1
MCU Operating Mode Selection
External Data Bus
MCU
Operating
Mode
MD
2
MD
1
MD
0
CPU
Operating
Mode
Description
On-chip
ROM
Initial
Width
Max.
Width
0
000—
1
1
Normal
On-chip ROM disabled,
expanded mode
Disabled
8 bits
16 bits
2*
1
0
On-chip ROM enabled,
expanded mode
Enabled
8 bits
16 bits
3*
1
Single-chip mode
4
100Advanced
Disabled
16 bits
16 bits
51
On-chip ROM disabled,
expanded mode
8 bits
16 bits
6*
1
0
On-chip ROM enabled,
expanded mode
Enabled
8 bits
16 bits
7*
1
Single-chip mode
Note:
*
Cannot be used in the H8S/2240.
The CPU's architecture allows for 4 Gbytes of address space, but the H8S/2245 Group actually
accesses a maximum of 16 Mbytes.
Modes 1, 2, and 4 to 6 are externally expanded modes that allow access to external memory and
peripheral devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com