Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 140Page - Renesas Technology Corp H8S2245 Datasheet HTML 141Page - Renesas Technology Corp H8S2245 Datasheet HTML 142Page - Renesas Technology Corp H8S2245 Datasheet HTML 143Page - Renesas Technology Corp H8S2245 Datasheet HTML 144Page - Renesas Technology Corp H8S2245 Datasheet HTML 145Page - Renesas Technology Corp H8S2245 Datasheet HTML 146Page - Renesas Technology Corp H8S2245 Datasheet HTML 147Page - Renesas Technology Corp H8S2245 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 818 page
background image
Section 4 Exception Handling
Rev.3.00 Mar. 26, 2007 Page 102 of 772
REJ09B0355-0300
4.6
Notes on Use of the Stack
When accessing word data or longword data, the H8S/2245 Group assumes that the lowest address
bit is 0. The stack should always be accessed by word transfer instruction or longword transfer
instruction, and the value of the stack pointer (SP, ER7) should always be kept even. Use the
following instructions to save registers:
PUSH.W
Rn
(or MOV.W Rn, @-SP)
PUSH.L
ERn
(or MOV.L ERn, @-SP)
Use the following instructions to restore registers:
POP.W
Rn
(or MOV.W @SP+, Rn)
POP.L
ERn
(or MOV.L @SP+, ERn)
Setting SP to an odd value may lead to a malfunction. Figure 4.6 shows an example of what
happens when the SP value is odd.
SP
Legend:
Note: This diagram illustrates an example in which the interrupt control mode is 0,
in advanced mode.
SP
SP
CCR
PC
R1L
PC
H'FFFEFA
H'FFFEFB
H'FFFEFC
H'FFFEFD
H'FFFEFF
MOV.B R1L, @–ER7
SP set to H'FFFEFF
TRAPA instruction executed
Data saved above SP
Contents of CCR lost
CCR: Condition code register
PC:
Program counter
R1L: General register R1L
SP:
Stack pointer
Figure 4.6 Operation when SP Value is Odd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com