Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 143Page - Renesas Technology Corp H8S2245 Datasheet HTML 144Page - Renesas Technology Corp H8S2245 Datasheet HTML 145Page - Renesas Technology Corp H8S2245 Datasheet HTML 146Page - Renesas Technology Corp H8S2245 Datasheet HTML 147Page - Renesas Technology Corp H8S2245 Datasheet HTML 148Page - Renesas Technology Corp H8S2245 Datasheet HTML 149Page - Renesas Technology Corp H8S2245 Datasheet HTML 150Page - Renesas Technology Corp H8S2245 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 818 page
background image
Section 5 Interrupt Controller
Rev.3.00 Mar. 26, 2007 Page 105 of 772
REJ09B0355-0300
5.1.3
Pin Configuration
Table 5.1 summarizes the pins of the interrupt controller.
Table 5.1
Interrupt Controller Pins
Name
Symbol
I/O
Function
Nonmaskable interrupt
NMI
Input
Nonmaskable external interrupt; rising or
falling edge can be selected
External interrupt
requests 7 to 0
IRQ7 to IRQ0 Input
Maskable external interrupts; rising, falling, or
both edges, or level sensing, can be selected
5.1.4
Register Configuration
Table 5.2 summarizes the registers of the interrupt controller.
Table 5.2
Interrupt Controller Registers
Name
Abbreviation
R/W
Initial Value
Address*
1
System control register
SYSCR
R/W
H'01
H'FF39
IRQ sense control register H
ISCRH
R/W
H'00
H'FF2C
IRQ sense control register L
ISCRL
R/W
H'00
H'FF2D
IRQ enable register
IER
R/W
H'00
H'FF2E
IRQ status register
ISR
R/(W)*
2
H'00
H'FF2F
Interrupt control register A
ICRA
R/W
H'00
H'FEC0
Interrupt control register B
ICRB
R/W
H'00
H'FEC1
Interrupt control register C
ICRC
R/W
H'00
H'FEC2
Notes: 1. Lower 16 bits of the address.
2. Can only be written with 0 for flag clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com