Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 147Page - Renesas Technology Corp H8S2245 Datasheet HTML 148Page - Renesas Technology Corp H8S2245 Datasheet HTML 149Page - Renesas Technology Corp H8S2245 Datasheet HTML 150Page - Renesas Technology Corp H8S2245 Datasheet HTML 151Page - Renesas Technology Corp H8S2245 Datasheet HTML 152Page - Renesas Technology Corp H8S2245 Datasheet HTML 153Page - Renesas Technology Corp H8S2245 Datasheet HTML 154Page - Renesas Technology Corp H8S2245 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 818 page
background image
Section 5 Interrupt Controller
Rev.3.00 Mar. 26, 2007 Page 109 of 772
REJ09B0355-0300
The ISCR registers are 16-bit readable/writable registers that select rising edge, falling edge, or
both edge detection, or level sensing, for the input at pins
IRQ7 to IRQ0.
The ISCR registers are initialized to H'0000 by a reset and in hardware standby mode.
Bits 15 to 0: IRQ7 Sense Control A and B (IRQ7SCA, IRQ7SCB) to IRQ0 Sense Control A and
B (IRQ0SCA, IRQ0SCB)
Bits 15 to 0
IRQ7SCB to
IRQ0SCB
IRQ7SCA to
IRQ0SCA
Description
0
0
Interrupt request generated at
IRQ7 to IRQ0 input low level
(initial value)
1
Interrupt request generated at falling edge of
IRQ7 to IRQ0 input
1
0
Interrupt request generated at rising edge of
IRQ7 to IRQ0 input
1
Interrupt request generated at both falling and rising edges of
IRQ7 to IRQ0 input
5.2.5
IRQ Status Register (ISR)
7
IRQ7F
0
R/(W)*
6
IRQ6F
0
R/(W)*
5
IRQ5F
0
R/(W)*
4
IRQ4F
0
R/(W)*
3
IRQ3F
0
R/(W)*
0
IRQ0F
0
R/(W)*
2
IRQ2F
0
R/(W)*
1
IRQ1F
0
R/(W)*
Bit
Initial value
R/W
Note: * Only 0 can be written, to clear the flag.
:
:
:
ISR is an 8-bit readable/writable register that indicates the status of IRQ7 to IRQ0 interrupt
requests.
ISR is initialized to H'00 by a reset and in hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com