Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 149Page - Renesas Technology Corp H8S2245 Datasheet HTML 150Page - Renesas Technology Corp H8S2245 Datasheet HTML 151Page - Renesas Technology Corp H8S2245 Datasheet HTML 152Page - Renesas Technology Corp H8S2245 Datasheet HTML 153Page - Renesas Technology Corp H8S2245 Datasheet HTML 154Page - Renesas Technology Corp H8S2245 Datasheet HTML 155Page - Renesas Technology Corp H8S2245 Datasheet HTML 156Page - Renesas Technology Corp H8S2245 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 818 page
background image
Section 5 Interrupt Controller
Rev.3.00 Mar. 26, 2007 Page 111 of 772
REJ09B0355-0300
5.3
Interrupt Sources
Interrupt sources comprise external interrupts (NMI and IRQ7 to IRQ0) and internal interrupts (34
sources).
5.3.1
External Interrupts
There are nine external interrupts: NMI and IRQ7 to IRQ0. Of these, NMI and IRQ2 to IRQ0 can
be used to restore the H8S/2245 Group from software standby mode.
NMI Interrupt: NMI is the highest-priority interrupt, and is always accepted by the CPU
regardless of the status of the CPU interrupt mask bits. The NMIEG bit in SYSCR can be used to
select whether an interrupt is requested at a rising edge or a falling edge on the NMI pin.
The vector number for NMI interrupt exception handling is 7.
IRQ7 to IRQ0 Interrupts: Interrupts IRQ7 to IRQ0 are requested by an input signal at pins
IRQ7
to
IRQ0. Interrupts IRQ7 to IRQ0 have the following features:
• Using ISCR, it is possible to select whether an interrupt is generated by a low level, falling
edge, rising edge, or both edges, at pins
IRQ7 to IRQ0.
• Enabling or disabling of interrupt requests IRQ7 to IRQ0 can be selected with IER.
• The interrupt control level can be set with ICR.
• The status of interrupt requests IRQ7 to IRQ0 is indicated in ISR. ISR flags can be cleared to 0
by software.
A block diagram of interrupts IRQ7 to IRQ0 is shown in figure 5.2.
IRQn interrupt
request
IRQnE
IRQnF
S
R
Q
Clear signal
Edge/level
detection circuit
IRQnSCA, IRQnSCB
IRQn input
Note: n = 7 to 0
Figure 5.2 Block Diagram of Interrupts IRQ7 to IRQ0
Figure 5.3 shows the timing of setting IRQnF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com