Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 152Page - Renesas Technology Corp H8S2245 Datasheet HTML 153Page - Renesas Technology Corp H8S2245 Datasheet HTML 154Page - Renesas Technology Corp H8S2245 Datasheet HTML 155Page - Renesas Technology Corp H8S2245 Datasheet HTML 156Page - Renesas Technology Corp H8S2245 Datasheet HTML 157Page - Renesas Technology Corp H8S2245 Datasheet HTML 158Page - Renesas Technology Corp H8S2245 Datasheet HTML 159Page - Renesas Technology Corp H8S2245 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 818 page
background image
Section 5 Interrupt Controller
Rev.3.00 Mar. 26, 2007 Page 114 of 772
REJ09B0355-0300
Vector Address*
Interrupt Source
Origin of
Interrupt
Source
Vector
Number
Normal
Mode
Advanced
Mode
ICR
Priority
TGI1A (TGR1A input
capture/compare match)
TGI1B (TGR1B input
capture/compare match)
TCI1V (overflow 1)
TCI1U (underflow 1)
TPU
channel 1
40
41
42
43
H'0050
H'0052
H'0054
H'0056
H'00A0
H'00A4
H'00A8
H'00AC
ICRB4
High
TGI2A (TGR2A input
capture/compare match)
TGI2B (TGR2B input
capture/compare match)
TCI2V (overflow 2)
TCI2U (underflow 2)
TPU
channel 2
44
45
46
47
H'0058
H'005A
H'005C
H'005E
H'00B0
H'00B4
H'00B8
H'00BC
ICRB3
Reserved
—
48
49
50
51
52
53
54
55
H'0060
H'0062
H'0064
H'0066
H'0068
H'006A
H'006C
H'006E
H'00C0
H'00C4
H'00C8
H'00CC
H'00D0
H'00D4
H'00D8
H'00DC
ICRB2
—
56
57
58
59
H'0070
H'0072
H'0074
H'0076
H'00E0
H'00E4
H'00E8
H'00EC
ICRB1
—
60
61
62
63
H'0078
H'007A
H'007C
H'007E
H'00F0
H'00F4
H'00F8
H'00FC
ICRB0
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com