Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 153Page - Renesas Technology Corp H8S2245 Datasheet HTML 154Page - Renesas Technology Corp H8S2245 Datasheet HTML 155Page - Renesas Technology Corp H8S2245 Datasheet HTML 156Page - Renesas Technology Corp H8S2245 Datasheet HTML 157Page - Renesas Technology Corp H8S2245 Datasheet HTML 158Page - Renesas Technology Corp H8S2245 Datasheet HTML 159Page - Renesas Technology Corp H8S2245 Datasheet HTML 160Page - Renesas Technology Corp H8S2245 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 818 page
background image
Section 5 Interrupt Controller
Rev.3.00 Mar. 26, 2007 Page 115 of 772
REJ09B0355-0300
Vector Address*
Interrupt Source
Origin of
Interrupt
Source
Vector
Number
Normal
Mode
Advanced
Mode
ICR
Priority
CMIA0 (compare match A)
CMIB0 (compare match B)
OVI0 (overflow 0)
8-bit timer
channel 0
64
65
66
H'0080
H'0082
H'0084
H'0100
H'0104
H'0108
ICRC7
High
Reserved
—
67
H'0086
H'010C
CMIA1 (compare match A)
CMIB1 (compare match B)
OVI1 (overflow 1)
8-bit timer
channel 1
68
69
70
H'0088
H'008A
H'008C
H'0110
H'0114
H'0118
ICRC6
Reserved
—
71
H'008E
H'011C
Reserved
—
72
73
74
75
76
77
78
79
H'0090
H'0092
H'0094
H'0096
H'0098
H'009A
H'009C
H'009E
H'0120
H'0124
H'0128
H'012C
H'0130
H'0134
H'0138
H'013C
ICRC5
ERI0 (receive error 0)
RXI0 (reception completed 0)
TXI0 (transmit data empty 0)
TEI0 (transmission end 0)
SCI
channel 0
80
81
82
83
H'00A0
H'00A2
H'00A4
H'00A6
H'0140
H'0144
H'0148
H'014C
ICRC4
ERI1 (receive error 1)
RXI1 (reception completed 1)
TXI1 (transmit data empty 1)
TEI1 (transmission end 1)
SCI
channel 1
84
85
86
87
H'00A8
H'00AA
H'00AC
H'00AE
H'0150
H'0154
H'0158
H'015C
ICRC3
ERI2 (receive error 2)
RXI2 (reception completed 2)
TXI2 (transmit data empty 2)
TEI2 (transmission end 2)
SCI
channel 2
88
89
90
91
H'00B0
H'00B2
H'00B4
H'00B6
H'0160
H'0164
H'0168
H'016C
ICRC2
Low
Note:
*
Lower 16 bits of the start address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com