Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 151Page - Renesas Technology Corp H8S2245 Datasheet HTML 152Page - Renesas Technology Corp H8S2245 Datasheet HTML 153Page - Renesas Technology Corp H8S2245 Datasheet HTML 154Page - Renesas Technology Corp H8S2245 Datasheet HTML 155Page - Renesas Technology Corp H8S2245 Datasheet HTML 156Page - Renesas Technology Corp H8S2245 Datasheet HTML 157Page - Renesas Technology Corp H8S2245 Datasheet HTML 158Page - Renesas Technology Corp H8S2245 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 818 page
background image
Section 5 Interrupt Controller
Rev.3.00 Mar. 26, 2007 Page 113 of 772
REJ09B0355-0300
Table 5.4
Interrupt Sources, Vector Addresses, and Interrupt Priorities
Vector Address*
Interrupt Source
Origin of
Interrupt
Source
Vector
Number
Normal
Mode
Advanced
Mode
ICR
Priority
NMI
7
H'000E
H'001C
High
IRQ0
External
pin
16
H'0020
H'0040
ICRA7
IRQ1
17
H'0022
H'0044
ICRA6
IRQ2
IRQ3
18
19
H'0024
H'0026
H'0048
H'004C
ICRA5
IRQ4
IRQ5
20
21
H'0028
H'002A
H'0050
H'0054
ICRA4
IRQ6
IRQ7
22
23
H'002C
H'002E
H'0058
H'005C
ICRA3
SWDTEND (software
activation interrupt end)
DTC
24
H'0030
H'0060
ICRA2
WOVI (interval timer)
Watchdog
timer
25
H'0032
H'0064
ICRA1
Reserved
—
26
H'0034
H'0068
ICRA0
—
27
H'0036
H'006C
ICRB7
ADI (A/D conversion end)
A/D
28
H'0038
H'0070
ICRB6
Reserved
—
29
30
31
H'003A
H'003C
H'003E
H'0074
H'0078
H'007C
TGI0A (TGR0A input
capture/compare match)
TGI0B (TGR0B input
capture/compare match)
TGI0C (TGR0C input
capture/compare match)
TGI0D (TGR0D input
capture/compare match)
TCI0V (overflow 0)
TPU
channel 0
32
33
34
35
36
H'0040
H'0042
H'0044
H'0046
H'0048
H'0080
H'0084
H'0088
H'008C
H'0090
ICRB5
Reserved
—
37
38
39
H'004A
H'004C
H'004E
H'0094
H'0098
H'009C
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com