Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 137Page - Renesas Technology Corp H8S2245 Datasheet HTML 138Page - Renesas Technology Corp H8S2245 Datasheet HTML 139Page - Renesas Technology Corp H8S2245 Datasheet HTML 140Page - Renesas Technology Corp H8S2245 Datasheet HTML 141Page - Renesas Technology Corp H8S2245 Datasheet HTML 142Page - Renesas Technology Corp H8S2245 Datasheet HTML 143Page - Renesas Technology Corp H8S2245 Datasheet HTML 144Page - Renesas Technology Corp H8S2245 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 818 page
background image
Section 4 Exception Handling
Rev.3.00 Mar. 26, 2007 Page 99 of 772
REJ09B0355-0300
4.3
Interrupts
Interrupt exception handling can be requested by nine external sources (NMI, IRQ7 to IRQ0) and
34 internal sources in the on-chip supporting modules. Figure 4.4 classifies the interrupt sources
and the number of interrupts of each type.
The on-chip supporting modules that can request interrupts include the watchdog timer (WDT),
16-bit timer-pulse unit (TPU), 8-bit timer, serial communication interface (SCI), data transfer
controller (DTC), and A/D converter. Each interrupt source has a separate vector address.
NMI is the highest-priority interrupt. Interrupts are controlled by the interrupt controller. The
interrupt controller has two interrupt control modes and can assign interrupts other than NMI to
three priority/mask levels to enable multiplexed interrupt control.
For details of interrupts, see section 5, Interrupt Controller.
Interrupts
External
interrupts
Internal
interrupts
NMI (1)
IRQ7 to IRQ0 (8)
WDT* (1)
TPU (13)
8-bit timer (6)
SCI (12)
DTC (1)
A/D converter (1)
Numbers in parentheses are the numbers of interrupt sources.
* When the watchdog timer is used as an interval timer, it generates
an interrupt request at each counter overflow.
Notes:
Figure 4.4 Interrupt Sources and Number of Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com