Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 133Page - Renesas Technology Corp H8S2245 Datasheet HTML 134Page - Renesas Technology Corp H8S2245 Datasheet HTML 135Page - Renesas Technology Corp H8S2245 Datasheet HTML 136Page - Renesas Technology Corp H8S2245 Datasheet HTML 137Page - Renesas Technology Corp H8S2245 Datasheet HTML 138Page - Renesas Technology Corp H8S2245 Datasheet HTML 139Page - Renesas Technology Corp H8S2245 Datasheet HTML 140Page - Renesas Technology Corp H8S2245 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 818 page
background image
Section 4 Exception Handling
Rev.3.00 Mar. 26, 2007 Page 95 of 772
REJ09B0355-0300
Table 4.2
Exception Vector Table
Vector Address*
1
Exception Source
Vector Number
Normal Mode
Advanced Mode
Power-on reset
0
H'0000 to H'0001
H'0000 to H'0003
Manual reset
1
H'0002 to H'0003
H'0004 to H'0007
Reserved for system use
2
H'0004 to H'0006
H'0008 to H'000B
3
H'0006 to H'0007
H'000C to H'000F
4
H'0008 to H'0009
H'0010 to H'0013
5
H'000A to H'000B
H'0014 to H'0017
6
H'000C to H'000D
H'0018 to H'001B
External interrupt
NMI
7
H'000E to H'000F
H'001C to H'001F
Trap instruction (4 sources)
8
H'0010 to H'0011
H'0020 to H'0023
9
H'0012 to H'0013
H'0024 to H'0027
10
H'0014 to H'0015
H'0028 to H'002B
11
H'0016 to H'0017
H'002C to H'002F
Reserved for system use
12
H'0018 to H'0019
H'0030 to H'0033
13
H'001A to H'001B
H'0034 to H'0037
14
H'001C to H'001D
H'0038 to H'003B
15
H'001E to H'001F
H'003C to H'003F
External interrupt
IRQ0
16
H'0020 to H'0021
H'0040 to H'0043
IRQ1
17
H'0022 to H'0023
H'0044 to H'0047
IRQ2
18
H'0024 to H'0025
H'0048 to H'004B
IRQ3
19
H'0026 to H'0027
H'004C to H'004F
IRQ4
20
H'0028 to H'0029
H'0050 to H'0053
IRQ5
21
H'002A to H'002B
H'0054 to H'0057
IRQ6
22
H'002C to H'002D
H'0058 to H'005B
IRQ7
23
H'002E to H'002F
H'005C to H'005F
Internal interrupt*
2
24
91
H'0030 to H'0031
H'00B6 to H'00B7
H'0060 to H'0063
H'016C to H'016F
Notes: 1. Lower 16 bits of the address.
2. For details of internal interrupt vectors, see section 5.3.3, Interrupt Exception Handling
Vector Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com