Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 132Page - Renesas Technology Corp H8S2245 Datasheet HTML 133Page - Renesas Technology Corp H8S2245 Datasheet HTML 134Page - Renesas Technology Corp H8S2245 Datasheet HTML 135Page - Renesas Technology Corp H8S2245 Datasheet HTML 136Page - Renesas Technology Corp H8S2245 Datasheet HTML 137Page - Renesas Technology Corp H8S2245 Datasheet HTML 138Page - Renesas Technology Corp H8S2245 Datasheet HTML 139Page - Renesas Technology Corp H8S2245 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 818 page
background image
Section 4 Exception Handling
Rev.3.00 Mar. 26, 2007 Page 94 of 772
REJ09B0355-0300
4.1.3
Exception Sources and Vector Table
The exception sources are classified as shown in figure 4.1. Different vector addresses are
assigned to different exception sources.
Table 4.2 lists the exception sources and their vector addresses.
Exception
sources
Reset
Interrupts
Trap instruction
Power-on reset
Manual reset
External interrupts: NMI, IRQ7 to IRQ0
Internal interrupts: 34 interrupt sources in
on-chip supporting modules
Figure 4.1 Exception Sources
In modes 6 and 7, the on-chip ROM available for use on the H8S/2246 and H8S/2245 after a
power-on reset is the 64-kbyte area comprising addresses H'000000 to H'00FFFF. Care is required
when setting vector addresses. In this case, clearing the EAE bit in BCRL enables the 128-kbyte
area comprising addresses H'000000 to H'01FFFF to be used for the on-chip ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com