Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 131Page - Renesas Technology Corp H8S2245 Datasheet HTML 132Page - Renesas Technology Corp H8S2245 Datasheet HTML 133Page - Renesas Technology Corp H8S2245 Datasheet HTML 134Page - Renesas Technology Corp H8S2245 Datasheet HTML 135Page - Renesas Technology Corp H8S2245 Datasheet HTML 136Page - Renesas Technology Corp H8S2245 Datasheet HTML 137Page - Renesas Technology Corp H8S2245 Datasheet HTML 138Page - Renesas Technology Corp H8S2245 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 818 page
background image
Section 4 Exception Handling
Rev.3.00 Mar. 26, 2007 Page 93 of 772
REJ09B0355-0300
Section 4 Exception Handling
4.1
Overview
4.1.1
Exception Handling Types and Priority
As table 4.1 indicates, exception handling may be caused by a reset, trap instruction, or interrupt.
Exception handling is prioritized as shown in table 4.1. If two or more exceptions occur
simultaneously, they are accepted and processed in order of priority. Trap instruction exceptions
are accepted at all times, in the program execution state. See appendix D.1, Port States in Each
Mode.
Exception handling sources, the stack structure, and the operation of the CPU vary depending on
the interrupt control mode set by the INTM0 and INTM1 bits of SYSCR.
Table 4.1
Exception Handling Types and Priority
Priority
Exception Handling Type
Start of Exception Handling
High
Reset
Starts immediately after a low-to-high transition at
the
RES pin, or when the watchdog timer overflows.
Interrupt
Starts when execution of the current instruction or
exception handling ends, if an interrupt request has
been issued*
1
Low
Trap instruction (TRAPA)*
2
Started by execution of a trap instruction (TRAPA)
Notes: 1. Interrupt detection is not performed on completion of ANDC, ORC, XORC, or LDC
instruction execution, or on completion of reset exception handling.
2. Trap instruction exception handling requests are accepted at all times in program
execution state.
4.1.2
Exception Handling Operation
Exceptions originate from various sources. Trap instructions and interrupts are handled as follows:
1. The program counter (PC) and condition code register (CCR) are pushed onto the stack.
2. The interrupt mask bits are updated.
3. A vector address corresponding to the exception source is generated, and program execution
starts from that address.
For a reset exception, steps 2 and 3 above are carried out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com