Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 135Page - Renesas Technology Corp H8S2245 Datasheet HTML 136Page - Renesas Technology Corp H8S2245 Datasheet HTML 137Page - Renesas Technology Corp H8S2245 Datasheet HTML 138Page - Renesas Technology Corp H8S2245 Datasheet HTML 139Page - Renesas Technology Corp H8S2245 Datasheet HTML 140Page - Renesas Technology Corp H8S2245 Datasheet HTML 141Page - Renesas Technology Corp H8S2245 Datasheet HTML 142Page - Renesas Technology Corp H8S2245 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 818 page
background image
Section 4 Exception Handling
Rev.3.00 Mar. 26, 2007 Page 97 of 772
REJ09B0355-0300
A reset caused by the watchdog timer can also be of either of two types: a power-on reset or a
manual reset.
4.2.3
Reset Sequence
The H8S/2245 Group enters the reset state when the
RES pin goes low.
To ensure that the H8S/2245 Group is reset, hold the
RES pin low for at least 20 ms at power-up.
To reset the H8S/2245 Group during operation, hold the
RES pin low for at least 20 states. See
appendix D.1, Port States in Each Mode.
When the
RES pin goes high after being held low for the necessary time, the H8S/2245 Group
starts reset exception handling as follows:
1. The internal state of the CPU and the registers of the on-chip supporting modules are
initialized, and the I bit is set to 1 in CCR.
2. The reset exception handling vector address is read and transferred to the PC, and program
execution starts from the address indicated by the PC.
Figures 4.2 and 4.3 show examples of the reset sequence.
Internal
address bus
Internal read
signal
Internal write
signal
Internal data
bus
(1)
(3)
Vector
fetch
Internal
processing
Fetch of first program
instruction
High
(1) Reset exception handling vector address ((1) = H'0000)
(2) Start address (contents of reset exception handling vector address)
(3) Start address ((3) = (2))
(4) First program instruction
(2)
(4)
φ
RES
Figure 4.2 Reset Sequence (Modes 2 and 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com