| Electronic Components Datasheet Search |
|
H8S2245 Datasheet(PDF) 138 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Datasheet(HTML) 138 Page - Renesas Technology Corp |
|
138 / 818 page ![]() Section 4 Exception Handling Rev.3.00 Mar. 26, 2007 Page 96 of 772 REJ09B0355-0300 4.2 Reset 4.2.1 Overview A reset has the highest exception priority. When the RES pin goes low, all processing halts and the H8S/2245 Group enters the reset state. A reset initializes the internal state of the CPU and the registers of on-chip supporting modules. Immediately after a reset, interrupt control mode 0 is set. Reset exception handling begins when the RES pin changes from low to high. The level of the NMI pin at reset determines whether the type of reset is a power-on reset or a manual reset. The H8S/2245 Group can also be reset by overflow of the watchdog timer. For details see section 11, Watchdog Timer. 4.2.2 Reset Types A reset can be of either of two types: a power-on reset or a manual reset. Reset types are shown in table 4.3. The internal state of the CPU is initialized by either type of reset. A power-on reset also initializes all the registers in the on-chip peripheral modules, while a manual reset initializes all the registers in the on-chip supporting modules except for the bus controller and I/O ports, which retain their previous states. With a manual reset, since the on-chip supporting modules are initialized, ports used as on-chip supporting module I/O pins are switched to I/O ports controlled by DDR and DR. Table 4.3 Reset Types Reset Transition Conditions Internal State Type NMI RES RES RES RES CPU On-Chip Supporting Modules Power-on reset High Low Initialized Initialized Manual reset Low Low Initialized Initialized, except for bus controller and I/O ports |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |