Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 166Page - Renesas Technology Corp H8S2245 Datasheet HTML 167Page - Renesas Technology Corp H8S2245 Datasheet HTML 168Page - Renesas Technology Corp H8S2245 Datasheet HTML 169Page - Renesas Technology Corp H8S2245 Datasheet HTML 170Page - Renesas Technology Corp H8S2245 Datasheet HTML 171Page - Renesas Technology Corp H8S2245 Datasheet HTML 172Page - Renesas Technology Corp H8S2245 Datasheet HTML 173Page - Renesas Technology Corp H8S2245 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 818 page
background image
Section 5 Interrupt Controller
Rev.3.00 Mar. 26, 2007 Page 128 of 772
REJ09B0355-0300
5.5.6
NMI Interrupt Usage Notes
The NMI interrupt is part of the exception processing performed cooperatively by the LSI's
internal interrupt controller and the CPU when the system is operating normally under the
specified electrical conditions. No operations, including NMI interrupts, are guaranteed when
operation is not normal (runaway status) due to software problems or abnormal input to the LSI's
pins. In such cases, the LSI may be restored to the normal program execution state by applying an
external reset.
5.6
DTC Activation by Interrupt
5.6.1
Overview
The DTC can be activated by an interrupt. In this case, the following options are available:
• Interrupt request to CPU
• Activation request to DTC
• Selection of a number of the above
For details of interrupt requests that can be used with to activate the DTC, see section 7, Data
Transfer Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com