Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 167Page - Renesas Technology Corp H8S2245 Datasheet HTML 168Page - Renesas Technology Corp H8S2245 Datasheet HTML 169Page - Renesas Technology Corp H8S2245 Datasheet HTML 170Page - Renesas Technology Corp H8S2245 Datasheet HTML 171Page - Renesas Technology Corp H8S2245 Datasheet HTML 172Page - Renesas Technology Corp H8S2245 Datasheet HTML 173Page - Renesas Technology Corp H8S2245 Datasheet HTML 174Page - Renesas Technology Corp H8S2245 Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 818 page
background image
Section 5 Interrupt Controller
Rev.3.00 Mar. 26, 2007 Page 129 of 772
REJ09B0355-0300
5.6.2
Block Diagram
Figure 5.10 shows a block diagram of the DTC and interrupt controller.
Selection
circuit
DTCER
DTVECR
Control logic
CPU
DTC
DTC activation
request vector
number
Clear signal
CPU interrupt
request vector
number
Select
signal
Interrupt
request
Interrupt source
clear signal
IRQ
interrupt
On-chip
supporting
module
Clear signal
Interrupt controller
I, UI
SWDTE
clear signal
Determination of
priority
Figure 5.10 Interrupt Control for DTC
5.6.3
Operation
The interrupt controller has three main functions in DTC control.
(1) Selection of Interrupt Source
Interrupt sources can be specified as DTC activation requests or CPU interrupt requests by means
of the DTCE bit of DTCEA to DTCEF in the DTC.
After a DTC data transfer, the DTCE bit can be cleared to 0 and an interrupt request sent to the
CPU in accordance with the specification of the DISEL bit of MRB in the DTC.
When the DTC has performed the specified number of data transfers and the transfer counter value
is zero, the DTCE bit is cleared to 0 and an interrupt request is sent to the CPU after the DTC data
transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com