Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 169Page - Renesas Technology Corp H8S2245 Datasheet HTML 170Page - Renesas Technology Corp H8S2245 Datasheet HTML 171Page - Renesas Technology Corp H8S2245 Datasheet HTML 172Page - Renesas Technology Corp H8S2245 Datasheet HTML 173Page - Renesas Technology Corp H8S2245 Datasheet HTML 174Page - Renesas Technology Corp H8S2245 Datasheet HTML 175Page - Renesas Technology Corp H8S2245 Datasheet HTML 176Page - Renesas Technology Corp H8S2245 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 131 of 772
REJ09B0355-0300
Section 6 Bus Controller
6.1
Overview
The H8S/2245 Group has a built-in bus controller (BSC) that manages the external address space
divided into eight areas. The bus specifications, such as bus width and number of access states,
can be set independently for each area, enabling multiple memories to be connected easily.
The bus controller also has a bus arbitration function, and controls the operation of the internal bus
masters: the CPU and the data transfer controller (DTC).
6.1.1
Features
The features of the bus controller are listed below.
• Manages external address space in area units
 In advanced mode, manages the external space as 8 areas of 128-kbytes/2-Mbytes
 In normal mode, manages the external space as a single area
 Bus specifications can be set independently for each area
 Burst ROM interface can be set
• Basic bus interface
 Chip select (CS0 to CS3) can be output for areas 0 to 3
 8-bit access or 16-bit access can be selected for each area
 2-state access or 3-state access can be selected for each area
 Program wait states can be inserted for each area
• Burst ROM interface
 Burst ROM interface can be set for area 0
 1-state or 2-state burst access can be selected
• Idle cycle insertion
 An idle cycle can be inserted in case of an external read cycle between different areas
 An idle cycle can be inserted in case of an external write cycle immediately after an
external read cycle
• Bus arbitration function
 Includes a bus arbiter that arbitrates bus mastership among the CPU, and DTC
• Other features
 External bus release function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com