Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 173Page - Renesas Technology Corp H8S2245 Datasheet HTML 174Page - Renesas Technology Corp H8S2245 Datasheet HTML 175Page - Renesas Technology Corp H8S2245 Datasheet HTML 176Page - Renesas Technology Corp H8S2245 Datasheet HTML 177Page - Renesas Technology Corp H8S2245 Datasheet HTML 178Page - Renesas Technology Corp H8S2245 Datasheet HTML 179Page - Renesas Technology Corp H8S2245 Datasheet HTML 180Page - Renesas Technology Corp H8S2245 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 135 of 772
REJ09B0355-0300
6.2
Register Descriptions
6.2.1
Bus Width Control Register (ABWCR)
7
ABW7
1
R/W
0
R/W
6
ABW6
1
R/W
0
R/W
5
ABW5
1
R/W
0
R/W
4
ABW4
1
R/W
0
R/W
3
ABW3
1
R/W
0
R/W
0
ABW0
1
R/W
0
R/W
2
ABW2
1
R/W
0
R/W
1
ABW1
1
R/W
0
R/W
Bit
Modes 1, 2, 3, 5, 6, 7
Initial value
R/W
Mode 4
Initial value
R/W
:
:
:
:
:
ABWCR is an 8-bit readable/writable register that designates each area for either 8-bit access or
16-bit access.
ABWCR sets the data bus width for the external memory space. The bus width for on-chip
memory and internal I/O registers is fixed regardless of the settings in ABWCR.
In normal mode, the settings of bits ABW7 to ABW1 have no effect on operation.
After a power-on reset and in hardware standby mode, ABWCR is initialized to H'FF in modes 1,
2, 3, and 5, 6, 7, and to H'00 in mode 4. It is not initialized by a manual reset or in software
standby mode.
Bits 7 to 0—Area 7 to 0 Bus Width Control (ABW7 to ABW0): These bits select whether the
corresponding area is to be designated for 8-bit access or 16-bit access. In normal mode, only part
of area 0 is enabled, and the ABW0 bit selects whether external space is to be designated for 8-bit
access or 16-bit access.
Bit n
ABWn
Description
0
Area n is designated for 16-bit access
1
Area n is designated for 8-bit access
Note:
n = 7 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com