Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 174Page - Renesas Technology Corp H8S2245 Datasheet HTML 175Page - Renesas Technology Corp H8S2245 Datasheet HTML 176Page - Renesas Technology Corp H8S2245 Datasheet HTML 177Page - Renesas Technology Corp H8S2245 Datasheet HTML 178Page - Renesas Technology Corp H8S2245 Datasheet HTML 179Page - Renesas Technology Corp H8S2245 Datasheet HTML 180Page - Renesas Technology Corp H8S2245 Datasheet HTML 181Page - Renesas Technology Corp H8S2245 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 136 of 772
REJ09B0355-0300
6.2.2
Access State Control Register (ASTCR)
7
AST7
1
R/W
6
AST6
1
R/W
5
AST5
1
R/W
4
AST4
1
R/W
3
AST3
1
R/W
0
AST0
1
R/W
2
AST2
1
R/W
1
AST1
1
R/W
Bit
Initial value
R/W
:
:
:
ASTCR is an 8-bit readable/writable register that designates each area as either a 2-state access
space or a 3-state access space.
ASTCR sets the number of access states for the external memory space. The number of access
states for on-chip memory and internal I/O registers is fixed regardless of the settings in ASTCR.
In normal mode, the settings of bits AST7 to AST1 have no effect on operation.
ASTCR is initialized to H'FF by a power-on reset and in hardware standby mode. It is not
initialized by a manual reset or in software standby mode.
Bits 7 to 0—Area 7 to 0 Access State Control (AST7 to AST0): These bits select whether the
corresponding area is to be designated as a 2-state access space or a 3-state access space. In
normal mode, only part of area 0 is enabled, and the AST0 bit selects whether external space is to
be designated for 2-state access or 3-state access.
Wait state insertion is enabled or disabled at the same time.
Bit n
ASTn
Description
0
Area n is designated for 2-state access
Wait state insertion in area n external space is disabled
1
Area n is designated for 3-state access
(Initial value)
Wait state insertion in area n external space is enabled
Note:
n = 7 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com