Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 175Page - Renesas Technology Corp H8S2245 Datasheet HTML 176Page - Renesas Technology Corp H8S2245 Datasheet HTML 177Page - Renesas Technology Corp H8S2245 Datasheet HTML 178Page - Renesas Technology Corp H8S2245 Datasheet HTML 179Page - Renesas Technology Corp H8S2245 Datasheet HTML 180Page - Renesas Technology Corp H8S2245 Datasheet HTML 181Page - Renesas Technology Corp H8S2245 Datasheet HTML 182Page - Renesas Technology Corp H8S2245 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 137 of 772
REJ09B0355-0300
6.2.3
Wait Control Registers H and L (WCRH, WCRL)
WCRH and WCRL are 8-bit readable/writable registers that select the number of program wait
states for each area.
In normal mode, only part of area is 0 is enabled, and bits W01 and W00 select the number of
program wait states for the external space. The settings of bits W71, W70 to W11, and W10 have
no effect on operation.
Program waits are not inserted in the case of on-chip memory or internal I/O registers.
WCRH and WCRL are initialized to H'FF by a power-on reset and in hardware standby mode.
They are not initialized by a manual reset or in software standby mode.
(1) WCRH
7
W71
1
R/W
6
W70
1
R/W
5
W61
1
R/W
4
W60
1
R/W
3
W51
1
R/W
0
W40
1
R/W
2
W50
1
R/W
1
W41
1
R/W
Bit
Initial value
R/W
:
:
:
Bits 7 and 6—Area 7 Wait Control 1 and 0 (W71, W70): These bits select the number of
program wait states when area 7 in external space is accessed while the AST7 bit in ASTCR is set
to 1.
Bit 7
Bit 6
W71
W70
Description
0
0
Program wait not inserted when external space area 7 is accessed
1
1 program wait state inserted when external space area 7 is accessed
1
0
2 program wait states inserted when external space area 7 is accessed
1
3 program wait states inserted when external space area 7 is accessed
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com